Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-5033 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5033
Description  17.7 - 32 GHz Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5033 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5033 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5033 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5033 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5033 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5033 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5033 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5033 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5033 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5033 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
AMMC-5033 DC Specifications/Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
I
d1
First Stage Drain Supply Current
mA
280
320
(V
d1 = 3.5 V, Vg1 = Open, Vgg set for Id2 Typical)
I
d2
Second Stage Drain Supply Current
V
500
(V
d2 = 5 V, Vg1 = Open, Vgg set for Id2 Typical)
Vgg
Gate Supply Operating Voltage
V
-0.75
-0.6
-0.4
(I
d1(Q) + Id2(Q) = 780 (mA))
DETBias
Detector Bias Voltage (Optional)
V
Vd2
θ
c1(ch-bs)
First Stage Thermal Resistance[2]
°C/W
31
(Backside Temperature, Tb = 25°C)
θ
c2(ch-bs)
Second Stage Thermal Resistance[2, 3]
°C/W
19
(Backside Temperature, Tb = 25°C)
Notes:
1. Backside temperature T
b = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (θch-b) = 42°C/W at Tchannel (Tc) = 150°C as measured using infrared microscopy. Thermal Resis-
tance at backside temperature (Tb) = 25°C calculated from measured data.
3. Channel-to-backside Thermal Resistance (θch-b) = 24°C/W at Tchannel (Tc) = 150°C as measured using infrared microscopy. Thermal Resis-
tance at backside temperature (Tb) = 25°C calculated from measured data.
AMMC-5033 RF Specifications[4,5]
Tb = 25°C, V
d1 = 3.5 V, Vd2 = 5 V, Id1(Q) = 280 mA, Id2(Q) = 500 mA, Zo = 50 Ω
Lower Band
Mid Band
Upper Band
Specifications
Specifications
Specifications
Parameters and
(17.7 - 21 GHz)
(21 - 26.5 GHz)
(26.5 - 32 GHz)
Symbol
Test Condition
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Gain
Small-Signal Gain[5]
dB
20
22
17.5
20
16.5
18.5
P
-1dB
Output Power at 1dB Gain
dB
23.5
25
25.5
27
25
26.5
Compression[6]
P
-3dB
Output Power at 3dB Gain
dB
27
28
27
Compression[6]
OIP
3
Output Third Order Intercept dBm
27
29
29.5
32
29
32
Point;[6]; ∆f = 2 MHz;
Pin = +2 dBm
RL
in
Input Return Loss[5]
dB
11.5
13.5
11
13
11
13
RL
out
Output Return Loss[5]
dB
14
20
14
19
15
22
Isolation Min. Reverse Isolation
dB
47
48
46
Notes:
4. Data measured in wafer form T
b = 25°C.
5. 100% on-wafer RF test is done at frequency = 17.7, 21, 26.5 and 32 GHz.
6. 100% on-wafer test frequency = 17.7, 26.5 and 32 GHz.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com