Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC1209 Datasheet(PDF) 2 Page - Belden Inc.

Part # RSC1209
Description  M23 Power Field Attachable Connector: Male, straight, 12-pin, silver housing, 120 V AC/DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSC1209 Datasheet(HTML) 2 Page - Belden Inc.

  RSC1209 Datasheet HTML 1Page - Belden Inc. RSC1209 Datasheet HTML 2Page - Belden Inc. RSC1209 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Specifications
Technical Data
Product Family:
Power Connector
Product Sub Family:
M23 Power
Brand:
Lumberg Automation
Connector Type:
Field attachable
Type of Contact / Gender:
male
Connector Design:
straight
Number of Pins:
12
Shielding:
Unshielded
Attachment Type:
Coupling Nut
Rated Voltage:
125 V
Rated Impulse Voltage:
1.5 kV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com