Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSP3-RKP3-800 Datasheet(PDF) 2 Page - Belden Inc.

Part # RSP3-RKP3-800
Description  Mini Power Double-Ended Cordset: 1 3/8" male straight to 1 3/8" female straight, 3-pin(2PE), black body, 600 V, 42 A; TPE black cable, 10 AWG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSP3-RKP3-800 Datasheet(HTML) 2 Page - Belden Inc.

  RSP3-RKP3-800 Datasheet HTML 1Page - Belden Inc. RSP3-RKP3-800 Datasheet HTML 2Page - Belden Inc. RSP3-RKP3-800 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cable Jacket Color:
black
Cable Diameter D:
ø 0.474"
Wire Insulation Material:
PVC/NYLON
Ambient Temperature (Fixed Installation):
-30 °C to +90 °
Flammability Class (Cable Jacket):
FT-4
Technical Data Side 2
Product Sub Family, Side 2:
1 3/8"
Type of Contact / Gender, Side 2:
female
Connector Design, Side 2:
straight
Attachment Type, Side 2:
Coupling Screw
Number of Pins, Side 2:
3(2+PE)
Ambient Temperature (Operation), Side 2*: -30 °C to +90 °C
Protection Degree / IP Rating, Side 2**:
IP 67, IP 68
Contact Base Material, Side 2:
CuSn
Contact Plating, Side 2:
Ni/Au
Contact Bearer Material, Side 2:
PVC
Contact Bearer Color, Side 2:
black
Molded Body Material, Side 2:
PVC
Molded Body Color, Side 2:
black
Attachment Material, Side 2:
CuZn
Approvals
UL-File:
E482233
UL:
TC-ER
Safety & Environmental Compliance
RoHS Compliant:
Yes
Resistances
Oil Resistance:
Oil Res I/II
UV Resistance:
Sunlight Res
Notes
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Variants
Item #
Item Description
Cable Length
511000396 RSP 3-RKP 3-800/0.5M
0.5 m
511000397 RSP 3-RKP 3-800/1M
1 m
511000399 RSP 3-RKP 3-800/2M
2 m
511000401 RSP 3-RKP 3-800/3M
3 m
511000402 RSP 3-RKP 3-800/4M
4 m
511000403 RSP 3-RKP 3-800/5M
5 m
511000890 RSP 3-RKP 3-800/5M-R 5 m
511000404 RSP 3-RKP 3-800/6M
6 m
511000891 RSP 3-RKP 3-800/6M-R 6 m
511000405 RSP 3-RKP 3-800/8M
8 m
511000406 RSP 3-RKP 3-800/10M
10 m
511000407 RSP 3-RKP 3-800/12M
12 m
511000408 RSP 3-RKP 3-800/14M
14 m
511000409 RSP 3-RKP 3-800/15M
15 m
511000410 RSP 3-RKP 3-800/18M
18 m
511000411 RSP 3-RKP 3-800/20M
20 m
511000412 RSP 3-RKP 3-800/22M
22 m
511000413 RSP 3-RKP 3-800/25M
25 m
511000414 RSP 3-RKP 3-800/30M
30 m
511000415 RSP 3-RKP 3-800/35M
35 m
511000416 RSP 3-RKP 3-800/40M
40 m
511000417 RSP 3-RKP 3-800/45M
45 m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com