Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSTS4T-RKTS4T-722SW Datasheet(PDF) 3 Page - Belden Inc.

Part # RSTS4T-RKTS4T-722SW
Description  M12 Power Double-Ended Cordset: Male straight to female straight, 4-pin, T-coded, shielded, black body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

RSTS4T-RKTS4T-722SW Datasheet(HTML) 3 Page - Belden Inc.

  RSTS4T-RKTS4T-722SW Datasheet HTML 1Page - Belden Inc. RSTS4T-RKTS4T-722SW Datasheet HTML 2Page - Belden Inc. RSTS4T-RKTS4T-722SW Datasheet HTML 3Page - Belden Inc. RSTS4T-RKTS4T-722SW Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Molded Body Material:
TPE
Molded Body Color:
black
Flammability Class (Molded Body):
UL 94 HB
Attachment Material:
CuZn
Attachment Plating:
Cu/Ni
Shielding Material:
CuZn, plating: Ni
O-Ring Material:
FKM
Fastening Torque (Contact Screw):
M 12x1: (50-60) Ncm, hand-tight
Cable Data
Cable Number:
722
Conductor Size:
1.50 mm²
Number of Wires:
4
Minimal Bending Radius (Fixed Inst):
˃ 4 x D
Minimal Bending Radius (Flexible Inst):
˃ 7.5 x D
Cycles (Bending):
˃ 10 M
Conductor material:
Cu
Cable Jacket Material:
PUR
Cable Jacket Color:
black
Cable Diameter D:
ø 9.4 ±0.20 mm
Wire Insulation Material:
PP
Insulated Wire Diameter:
ø 2.35 mm
Inner Jacket:
TPE-O
Overall Shield (Cable):
tinned copper braided screen
Ambient Temperature (Fixed Installation):
-40 °C to +80 °C
Ambient Temperature (Flex Installation):
-30 °C to +80 °C
Ambient Temperature (Fixed Installation short-term 100h): -40 °C to +125 °C
Ambient Temperature (Drag Chain Inst):
-20 °C to +60 °C
UL Cable Type:
AWM: 20939
Flammability Class (Cable Jacket):
VDE 0482-332-1-2, DIN EN 60332-1-2 / IEC 60332-1 / UL VW-1, CSA FT1
Technical Data Side 2
Product Sub Family, Side 2:
M12 Power
Type of Contact / Gender, Side 2:
female
Connector Design, Side 2:
straight
Attachment Type, Side 2:
Coupling Nut
Number of Pins, Side 2:
4
Coding, Side 2:
T
Contact Resistance, Side 2:
≤ 10 mOhm
Insulation Resistance, Side 2:
˃ 10^9 Ohm
Mating Cycles, Side 2:
≤ 100
Ambient Temperature (Operation), Side 2*:
-40 °C to +125 °C, notice derating
Protection Degree / IP Rating, Side 2**:
IP65, IP67, IP69K
Design Standard, Side 2:
IEC 61076-2-111
Pollution Degree, Side 2:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Clearance / Creepage Distance, Side 2:
DIN EN 60664-1 (2008/01); VDE 0110-1
Overvoltage Category, Side 2:
III acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material, Side 2:
CuNi
Contact Plating, Side 2:
Cu/Au
Contact Bearer Material, Side 2:
PBT GF
Contact Bearer Color, Side 2:
dark-grey
Flammability Class (Contact Bearer), Side 2:
UL 94 V-2
Molded Body Material, Side 2:
TPE
Molded Body Color, Side 2:
black
Flammability Class (Molded Body), Side 2:
UL 94 HB
Attachment Material, Side 2:
CuZn
Attachment Plating, Side 2:
Cu/Ni



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com