Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6430 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6430
Description  25 - 33 GHz Power Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6430 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6430 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6430 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6430 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6430 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6430 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6430 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6430 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image

Gain at 29 GHz
AMMC-6430 DC Specifications/Physical Properties [1]
Notes:
1. AmbientoperationaltemperatureTA=25°Cunlessotherwisenoted.
2. Channel-to-backsideThermalResistance(θch-b)=10°C/WatTchannel(Tc)=107°Casmeasuredusinginfraredmicroscopy.ThermalResistance
atbacksidetemperature(Tb)=25°Ccalculatedfrommeasureddata.
Notes:
3. Small/Large-signaldatameasuredinwaferformTA=25°C.
4. 100%on-waferRFtestisdoneatfrequency=27,29,and32GHz.Statisticsbasedon1500partsample
5. Specificationsarederivedfrommeasurementsina50Ωtestenvironment.Aspectsoftheamplifierperformancemaybeimprovedovera
morenarrowbandwidthbyapplicationofadditionalconjugate,linearity,orpowermatching.
AMMC-6430 RF Specifications [3, 4, 5]
TA=25°C,Vd=5.5V,Id(Q)=900mA,Zo=50Ω
TypicaldistributionofSmallSignalGainandOutputPower@P-1dB.Basedon1500partsampledoverseveralpro-
ductionlots.
P-1dB at 33 GHz
P-1dB at 29 GHz
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Id
DrainSupplyCurrent
(underanyRFpowerdriveandtemperature)
(Vd=5.0V,VgsetforIdTypical)
mA
900
1000
Vg
GateSupplyOperatingVoltage
(Id(Q)=900(mA))
V
-0.9
-0.7
-0.55
qch-b
ThermalResistance[2]
(Backsidetemperature,Tb=25°C)
°C/W
9
Symbol
Parameters and Test
Conditions
Units
Minimum
Typical
Maximum
Sigma
Gain
Small-signalGain[4]
dB
14
17
0.5
P-1dB
OutputPowerat1dB
GainCompression
dBm
27
28.5
0.38
P-3dB
OutputPowerat3dB
GainCompression
dBm
29
0.35
OIP3
ThirdOrderIntercept
Point;
Df=100MHz;
Pin=-20dBm
dBm
37
0.8
RLin
InputReturnLoss[4]
dB
-15
0.92
RLout
OutputReturnLoss[4]
dB
-15
0.63
Isolation
Min.ReverseIsolation
dB
-43
1.8
LSL
1 1. 1 1. 1 1. 1 1. 18 18.
LSL

8
9
LSL

8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com