Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6420 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6420
Description  86 - 18 GHz Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6420 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6420 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6420 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6420 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6420 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6420 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6420 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6420 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6420 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AMMC-6420 DC Specifications/Physical Properties [1]
Notes:
1. AmbientoperationaltemperatureTA=25°Cunlessotherwisenoted.
2. Channel-to-backsideThermalResistance(θch-b)=10.7°C/WatTchannel(Tc)=120°Casmeasuredusinginfraredmicroscopy.ThermalResis-
tanceatbacksidetemperature(Tb)=25°Ccalculatedfrommeasureddata.
Notes:
3. Small/Large-signaldatameasuredinwaferformTA=25°C.
4. 100%on-waferRFtestisdoneatfrequency=8,12,and18GHz.
5. Specificationsarederivedfrommeasurementsina50Ωtestenvironment.Aspectsoftheamplifierperformancemaybeimprovedovera
morenarrowbandwidthbyapplicationofadditionalconjugate,linearity,orpowermatching.
AMMC-6420 RF Specifications [3, 4, 5] (TA= 25°C, Vd=5.5, Id(Q)=800 mA, Zo=50 Ω)
TypicaldistributionofSmallSignalGainandOutputPower@P-1dB.Basedon1500partsampledoverseveralproduc-
tionlots
Gain at 12 GHz
P-1dB at 8 GHz
P-1dB at 18 GHz
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
Id
DrainSupplyCurrent
(underanyRFpowerdriveandtemperature)
(Vd=5.5V,VgsetforIdTypical)
mA
800
1000
Vg
GateSupplyOperatingVoltage
(Id(Q)=800(mA))
V
-0.8
-0.6
-0.4
qch-b
ThermalResistance[2]
(Backsidetemperature,Tb=25°C)
°C/W
8.9
Symbol
Parameters and Test
Conditions
Units
Minimum
Typical
Maximum
Sigma
Gain
Small-signalGain[4]
dB
16.5
20
0.45
P-1dB
OutputPowerat1dB
GainCompression
dBm
27
29
0.27
P-3dB
OutputPowerat3dB
GainCompression
dBm
30
0.23
OIP3
ThirdOrderIntercept
Point;Df=100MHz;
Pin=-20dBm
dBm
38
0.75
RLin
InputReturnLoss[4]
dB
-3
0.23
RLout
OutputReturnLoss[4]
dB
-6
0.25
Isolation
Min.ReverseIsolation dB
-45
1.10
LSL
17
18
19
20
LSL
27
28
29
0
1
LSL
28
29



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com