Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-3602 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-3602
Description  IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-3602 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-3602 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-3602 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-3602 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-3602 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-3602 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-3602 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-3602 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-3602 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-3602 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
I/O Pins Configuration Table
Pin
Description
Symbol
1
Supply Voltage
VCC
2
Analog Ground
AGND
3
FIR Select
FIR_SEL
4
Mode 0
MD0
5
Mode 1
MD1
6
No Connection
NC
7
Ground
GND
8
Receiver Data Output
RXD
9
Transmitter Data Output
TXD
10
LED Anode
LEDA
The HSDL-3602 can be completely shut down to
achieve very low power consumption. In the shut down
mode, the PIN diode is inactive, thus producing very lit-
tle photo-current even under very bright ambient light.
The HSDL-3602 also incorporates the capability for
adjustable optical power. With two programming pins;
MODE 0 and MODE 1, the optical power output can be
adjusted lower when the nominal desired link distance
is one-third or two-third of the full IrDA link.
The HSDL-3602 comes with a front view packaging
option (HSDL-3602-007/-037) and a top view packag-
ing option (HSDL-3602-008/-038). It has an integrated
shield that helps to ensure low EMI emission and high
immunity to EMI field, thus enhancing reliable perfor-
mance.
Application Support Information
The Application Engineering group in Avago Tech-
nologies is available to assist you with the Technical
understanding associated with HSDL-3602 infrared
transceiver module. You can contact them through your
local Avago Technologies' sales representatives for ad-
ditional details.
Back view (HSDL-3602-007/-037)
Bottom view (HSDL-3602-008/-038)
Ordering Information
Package Option
Package
Part Number
Standard Package Increment
Front View
HSDL-3602-007
400
Front View
HSDL-3602-037
1800
Top View
HSDL-3602-008
400
Top View
HSDL-3602-038
1800
8
7
6
5
4
3
2
1
9
10
BACK VIEW (HSDL-3602 #007/#017)
8
7
6
5
4
3
2
1
9
10
BOTTOM VIEW (HSDL-3602-008/-038)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com