Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP609BRMZ1 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP609BRMZ1
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609BRMZ1 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP609BRMZ1 Datasheet HTML 2Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 3Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 4Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 5Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 6Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 7Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 8Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 9Page - Analog Devices ADCMP609BRMZ1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCMP609
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 2.5 V, TA = 25°C, unless otherwise noted.
7
6
5
4
3
2
1
0
–1
HYSPIN VOLTAGE(V)
400
300
200
100
0
–100
–200
–300
–400
VCC = 2.5V
VCC = 5.5V
Figure 3. HYS Pin Current (μA) vs. Voltage (V)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
5
4
3
2
1
0
–1
–2
–3
–4
–5
+125°C
–40°C
+25°C
VCM AT VCC (2.5V)
Figure 4. Input Bias Current vs. Input Common-Mode Voltage (V)
150
100
50
0
OD (mV)
60
55
50
45
40
35
30
25
20
VCC = 5.5V
FALL DELAY
VCC = 2.5V
RISE DELAY
VCC = 5.5V
RISE DELAY
VCC = 2.5V
FALL DELAY
Figure 5. Propagation Delay vs. Input Overdrive at VCC = 2.5 V and 5.5 V
160
150
140
130
120
110
100
90
80
70
60
50
40
30
20
10
0
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
HYS RESISTOR (kΩ)
VCC = 5.5
VCC = 2.5
Figure 6. Hysteresis vs. HYS Resistor
4.0
–1.0 –0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
1.5
1.0
0.5
0
–0.5
–1.0
SINK
SOURCE
VOUT (V)
Figure 7. VOH/VOL vs. Load Current (mA)
0.5
1.0
1.5
2.0
2.5
3.0
38.0
37.8
37.6
37.4
37.2
37.0
36.8
36.6
36.4
36.2
36.0
VCM AT VCC (2.5V)
PROPAGATION DELAY RISE
PROPAGATION DELAY FALL
Figure 8. Propagation Delay vs. Input Common-Mode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com