Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAX-ME1132-R1 Datasheet(PDF) 1 Page - Eravant

Part # SAX-ME1132-R1
Description  Ka Band Omnidirectional Antenna Mounting Fixture
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAX-ME1132-R1 Datasheet(HTML) 1 Page - Eravant

  SAX-ME1132-R1 Datasheet HTML 1Page - Eravant SAX-ME1132-R1 Datasheet HTML 2Page - Eravant SAX-ME1132-R1 Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SAX-ME1132-R1
Rev 1.0
www.eravant.com | 501 Amapola Ave, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 1
Ka Band Omnidirectional Antenna Mounting Fixture
Copyright © 2021 by Eravant
Description:
Model SAX-ME1132-R1 is a 3” diameter mounting
fixture designed specifically for mounting the
omnidirectional antenna with integrated LNA. It is
compatible with SAO-2734031845-KF-C1-BL
and
SAO-2734033045-KF-C1-BL. The fixture is designed
with a removable magnetic base and a standard ¼-
20 threaded hole for either a bolt-free mount on a
metal surface or on convenient tripod mounting. In
addition to magnetic base and tripod mounting, the
fixture also features eight 4-40 threaded holes for
mounting if the magnetic base is removed. The
fixture is designed and fabricated with durable and
microwave friendly plastic material to offer
minimum reflection.
Features:
• Low Microwave Interference
• Magnet for Iron Surface Mount
• ¼-20 Threaded Hole for Tripod Mount
• 4-40 Threaded Mounting (Magnet Base Removed)
Applications:
• Antenna Range
• Test Lab
Mechanical Specifications:
Item
Specification
Fixture Material
Plastic
Magnet Material
Nickel-Plated Neodymium
Magnet Case Material
Zinc-Plated Steel
Outline
AX-ME1132-R


Similar Part No. - SAX-ME1132-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SAX-ME1750-SH1-1.5 ERAVANT-SAX-ME1750-SH1-1.5 Datasheet
259Kb / 1P
Antenna Mounting Fixture
Rev 1.0
More results

Similar Description - SAX-ME1132-R1

ManufacturerPart #DatasheetDescription
logo
Level One
OAN-2151 LVL1-OAN-2151 Datasheet
218Kb / 3P
2.4GHz 15dBi Omnidirectional Outdoor Antenna
logo
Pulse A Technitrol Comp...
RO5805NM PULSE-RO5805NM Datasheet
993Kb / 2P
Omnidirectional Antenna
logo
Laird Tech Smart Techno...
FG16397 LSTD-FG16397 Datasheet
1Mb / 2P
Quad-band Omnidirectional Antenna
logo
Pulse A Technitrol Comp...
L120 PULSE-L120 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
WA700 PULSE-WA700 Datasheet
404Kb / 2P
Omnidirectional Wireless LTE/MIMO Antenna
logo
Taoglas antenna solutio...
OMB868B05F21 TAOGLAS-OMB868B05F21 Datasheet
547Kb / 9P
Barracuda 5dBi 868MHz ISM Band Indoor/Outdoor Omnidirectional Antenna
logo
PHOENIX CONTACT
RAD-ANT-VAN-MKT PHOENIX-RAD-ANT-VAN-MKT Datasheet
98Kb / 3P
Mounting material for wall mounting of OMNI omnidirectional antenna with protection against vandals
logo
Maxtena Inc.
MEA-698-3800-CM MAXTENA-MEA-698-3800-CM Datasheet
1Mb / 3P
Indoor Omnidirectional Antenna
REV A
MEA-1710-WM MAXTENA-MEA-1710-WM Datasheet
1Mb / 3P
Indoor Omnidirectional Wall mount Antenna
REV A
logo
AUREL S.p.A.
650200313G AUREL-650200313G Datasheet
547Kb / 1P
Ground Plane Omnidirectional Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com