Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-6241 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6241
Description  26-43 GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6241 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6241 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6241 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AMMC-6241 DC Specifications/Physical Properties [1]
Noise Figure at 32 GHz
AMMC-6241 RF Specifications [3, 4, 5]
TA= 25°C, Vd=3.0 V, Id(Q)=60 mA, Zin=Zo=50
Ω
Typical distribution of Small Signal Gain, Noise Figure, and Return Loss. Based on 1500 part sampled over several
production lots.
Gain at 38 GHz
Noise Figure at 38GHz
Notes:
1. Ambient operational temperature TA=25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (qch-b) = 26°C/W at Tchannel (Tc) = 34°C as measured using infrared microscopy. Thermal
Resistance at backside temperature (Tb) = 25°C calculated from measured data.
3. Small/Large -signal data measured in wafer form TA = 25°C.
4. 100% on-wafer RF test is done at frequency =30, 32, and 38 GHz.
5. Specifications are derived from measurements in a 50 W test environment. Aspects of the amplifier performance may be improved over a
more narrow bandwidth by application of additional conjugate, linearity, or low noise (Gopt) matching.
6. As derived from measured s-parameters
Symbol
Parameters and
Test Conditions
Units Minimum
Typical
Maximum
Sigma
Gain
Small-signal Gain[6]
dB
26-35 GHz = 20
35-40 GHz = 18.5
26-37 GHz = 21
37-40 GHz = 19.5
1.0
NF
Noise Figure into 50
Ω
dB
26-37 GHz = 2.7
37-40 GHz = 3.0
26-37 GHz = 3.0
37-40 GHz = 3.3
0.05
P-1dB
Output Power at 1dB
Gain Compression
dBm
+10
OIP3
Third Order Intercept Point;
∆f=100MHz; Pin=-35dBm
dBm
+20
RLin
Input Return Loss[6]
dB
-13
-11
0.40
RLout
Output Return Loss[6]
dB
-16
-12
0.50
Isol
Reverse Isolation[6]
dB
-40
0.50
LSL
19
20
USL
2.6
2.7
2.8
2.9
USL
2.8
2.9
3
3.1
3.2
3.3
Sy m b o l
P a ra m e te rs a n d Te st Co n d itio n s
U n its M in .
Typ.
M a x .
Id
D rain S u p ply C u rre n t (u n d e r an y RF p ow e r d rive an d te m p erature) ( V d=3.0
V)
mA
6 0
80
q ch-b
Th e rm al R e sistan ce [2] (B acksid e te m p eratu re, Tb = 25 °C )
°C /W
25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com