Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-5618 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5618
Description  6 - 20 GHz Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5618 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5618 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5618 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Parameters and Test Conditions
Unit
Min.
Typical
Max.
V
D1,VD2
Recommended Drain Supply Voltage
V
3
5
7
I
D1
First stage Drain Supply Current
(V
D1= 5V, VG1 = Open or Ground)
mA
48
I
D2
Second stage Drain Supply Current
(V
D2= 5V, VG2 = Open or Ground)
mA
59
I
D1 + ID2
Total Drain Supply Current
(V
G1 = VG2 = Open or Ground, VD1= VD2 = 5 V)
mA
107
140
θ
ch-b
Thermal Resistance [2]
(Backside temperature (Tb) = 25
°C
°C/W
22
AMMC-5618 DC Specifications / Physical Properties[1]
Notes:
1. Backside temperature T
b = 25°C unless otherwise noted
2. Channel-to-backside Thermal Resistance (
θ
ch-b) = 32°C/W at Tchannel (Tc) = 150°C as measured using infrared microscopy.
Thermal Resistance at backside temperature (T
b) = 25°C calculated from measured data.
Symbol
Parameters and Test Conditions
Unit
Min.
Typical Max.
|S
21|
2
Small-signal Gain
dB
12.5
14.5
D|S
21|
2
Small-signal Gain Flatness
dB
± 0.3
RL
in
Input Return Loss
dB
9
12
RL
out
Output Return Loss
dB
9
12
|S
12|
2
Isolation
dB
40
45
P
-1dB
Output Power at 1dB Gain Compression @ 20 GHz
dBm
17.5
19.5
P
sat
Saturated Output Power (3dB Gain Compression) @ 20 GHz
dBm
20.5
OIP3
Output 3rd Order Intercept Point @ 20 GHz
dBm
26
DS
21 / DT
Temperature Coefficient of Gain [4]
dB/
°C
-0.023
NF
Noise Figure @ 20 GHz
dB
4.4
6.5
AMMC-5618 RF Specifications[3,5]
(T
b = 25°C, VDD= 5 V, IDD = 107 mA, Z0 = 50 Ω)
Notes:
3. 100% on-wafer RF test is done at frequency = 6, 13 and 20 GHz, except as noted.
4. Temperature Coefficient of Gain based on sample test
5. All tested parameters guaranteed with measurement accuracy ±1.5dB for S12, ±1dB for S11, S21, S22, P1dB and ±0.5dB for NF.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com