Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-4261 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-4261
Description  High-Power T-1쩐 (5mm) AlGaAs Infrared (870nm) Lamp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-4261 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-4261 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-4261 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-4261 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-4261 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Absolute Maximum Ratings at 25
°C
Electrical Characteristics at 25
°C
Optical Characteristics at 25
°C
Notes:
1. DerateasshowninFigure6.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Reference
ForwardVoltage
VF
-
1.4
1.7
1.5
1.9
V
IFDC=20mA
IFDC=100mA
Fig.2
Fig.3
ForwardVoltageTemperature
Coefficient
DV/DT
-
-1.5
-1.3
-
mV/°C
IFDC=20mA
IFDC=100mA
Fig.4
SeriesResistance
RS
-
4.1
-
Ohms
IFDC=100mA
DiodeCapacitance
CO
-
80
-
pF
0V,1MHz
ReverseVoltage
VR
3
14
-
V
IR=100uA
ThermalResistance,Junctionto
Ambient
Rqja
-
280
-
°C/W
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Reference
RadiantOpticalPower
PO
-
9
45
-
mW
IFDC=20mA
IFDC=100mA
RadiantOn-AxisIntensity
IE
-
36
180
-
mW/Sr
IFDC=20mA
IFDC=100mA
Fig.5
RadiantOn-AxisIntensity
TemperatureCoefficient
DIE/DT
-
-0.22
-
%/°C
IFDC=100mA
ViewingAngle
2q1/2
-
26
-
deg
IFDC=20mA
Fig.7
Peakwavelength
lPK
-
870
-
nm
IFDC=20mA
Fig.1
PeakwavelengthTemperature
Coefficient
Dl/DT
-
0.18
-
nm/°C
IFDC=20mA
SpectralWidth
Dl
-
47
52
-
nm
IFDC=20mA
IFDC=100mA
Fig.1
OpticalRiseandFallTime
tr/tf
-
15
-
ns
IFPK=500mA
DutyFactor=33%
PulseWidth=125ns
Bandwidth
fc
-
23
-
MHz
Parameter
Symbol
Min.
Max
Unit
Reference
DCForwardCurrent
IFDC
-
100
mA
[1],Fig.2
PowerDissipation
PDISS
-
190
mW
ReverseVoltage
VR
5
-
V
OperatingTemperature
TO
-40
70
°C
StorageTemperature
TS
-40
100
°C
LEDJunctionTemperature
TJ
-
110
°C
LeadSolderingTemperature
-
260for5sec
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com