Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-5024 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5024
Description  30kHz - 40 GHz Traveling Wave Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5024 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5024 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-5024 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Table 2. DC Specifications
(Vdd = 7V, Vg2 = Open, TA = 25°C, otherwise specified)
Symbol
Parameters and Test Conditions
Unit
Minimum
Typical
Maximum
Vdd
Recommended Drain Supply Voltage
V
-
7
-
Idd
Total Drain Supply Current (Vg set for typical Idd)
mA
-
200
-
Vg
First Gate Voltage (Vdd = 7V, Idd = 200mA)
V
-2.5
-3.0
-3.5
Idss
Saturated Drain Current (Vg = 0V)
mA
-
350
-
Idsmin (Vg)
First Gate Minimum Drain Current (Vg = -7V)
mA
-
80
-
qch-b
Thermal Resistance []
°C/W
-
4.5
-
Note:
1) Channel-to-board Thermal Resistance is measured using Infrared Microscopy method.
Table 3. RF Specifications [1]
(Freq = 22GHz, Vdd = 7V, Idd = 200mA, TA = 25°C, Zin = Zo = 50Ohm)
Symbol
Parameters and Test Conditions
Unit
Minimum
Typical
Maximum
Gain
Small Signal Gain [2]
dB
2.5
4.8
6.5
ISO
Reverse Isolation
dB
-
30
-
RLin
Input Return Loss
dB
-
3
-
RLout
Output Return Loss
dB
-
4
-
NF
Noise Figure
dB
-
4.6
-
PdB
Output Power at dB Gain Compression
dBm
-
22
-
OIP3
Output 3rd Order Intercept Point [3]
dBm
-
25
-
Notes:
1) Specifications are derived from measurements in a 50 Ohm test environment. Aspects of the amplifier performance may be improved over a
narrower bandwidth by application of additional conjugate, linearity, or low noise matching.
2) All tested parameters guaranteed with measurement accuracy ± 0.5 dB for gain.
3) RFin1 = RFin2 = -5 dBm, Freq = 22GHz, Df = 100MHz
Table 4. RF Specifications [1]
(Freq = 22GHz, Vdd = 4V, Idd = 160mA, TA = 25°C, Zin = Zo = 50Ohm)
Symbol
Parameters and Test Conditions
Unit
Minimum
Typical
Maximum
Gain
Small signal Gain
dB
-
5
-
ISO
Reverse Isolation
dB
-
27
-
RLin
Input Return Loss
dB
-
3
-
RLout
Output Return Loss
dB
-
4
-
NF
Noise Figure
dB
-
4.6
-
PdB
Output Power at dB Gain Compression
dBm
-
9
-
OIP3
Output 3rd Order Intercept Point [3]
dBm
-
8.5
-
Notes:
1) Specifications are derived from measurements in a 50 Ohm test environment. Aspects of the amplifier performance may be improved over a
narrower bandwidth by application of additional conjugate, linearity, or low noise matching.
2) RFin1 = RFin2 = -5 dBm, Freq = 22GHz, Df = 100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com