Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-B5XZ Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B5XZ
Description  31.8 mm (1.25 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B5XZ Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B5XZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5XZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5XZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5XZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5XZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5XZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5XZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5XZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Dimensions
5.3 x 4 = 21.20
(0.209 x 4 = 0.835)
26.35
(1.037)
PIN 1
∅3.82
(0.150)
16.00
(0.630)
5.3 x 6 = 31.8
(0.209 x 6 = 1.254)
9.00
(0.354)
4.19
(0.079)
0.50
(0.020)
26.66
(1.050)
36.95
(1.455)
ROW
COL
1
2
3
4
5
6
7
12
3
4
5
PART NO.
2 x 8 = 16.00
(0.079 x 8 = 0.632)
36.95
(1.455)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com