Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDSP-B7XZ Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B7XZ
Description  31.99 mm (1.26 inch) General Purpose 4x8 Dot Matrix Bi-Color Alphanumeric Displays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B7XZ Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B7XZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B7XZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B7XZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B7XZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B7XZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B7XZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B7XZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B7XZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Package Dimensions
13.71
(0.34)
4.57
(0.180)
ROW
COL
1
2
3
4
5
6
7
12
3
4
2 x 7 = 14.00
(0.079 x 7 = 0.553)
8.00
(0.315)
4.19
(0.165)
4 – C1.27
0.45
(0.018)
18.01
(0.709)
8
31.99
(1.260)
36.30
(1.429)
27.42
(1.080)
32 –
∅3.30 (0.130)
4.57
(0.180)
PART NUMBER
36.30
(1.429)
Pin 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com