Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-5026 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5026
Description  2-35 GHz GaAs MMIC Traveling Wave Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5026 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5026 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5026 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
AMMC-5026 DC Specifications/Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
I
dss
Saturated Drain Current (V
dd=7 V, Vg1 =0 V, Vg2 =open circuit)
mA
250
350
450
V
p1
First Gate Pinch-off Voltage (V
dd=7 V, Idd= 0.1 Idss, Vg2 = open circuit)
V
-1.2
Vg2
Second Gate Self-bias Voltage (Vdd=7 V, Idd=150 mA, Vg2=open circuit)
V
3.5
Idsoff
First Gate Pinch-off Current
mA
75
(Vg1)(Vdd=7 V, Vg1=3.5 V, Vg2=open circuit)
θ
ch-b
Thermal Resistance[2] (Backside temperature, Tb = 25°C)
°C/W
28
Notes:
1. Backside temperature Tb = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (
θ
ch-b) = 38°C/W at Tchannel (Tc) = 150°C as measured using the liquid crystal method. Thermal Resistance at
backside temperature (T
b) = 25°C calculated from measured data.
RF Specifications[3,4] (V
dd = 7V, Idd (Q) = 150 mA, Z
in = Z0 = 50Ω)
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
|S
21|
2
Small-signal Gain
dB
8.5
10.5
12.5
∆|S
21|
2
Small-signal Gain Flatness
dB
±0.75
±1.5
RLin
Input Return Loss
dB
13
17
RLout
Output Return Loss
dB
12
15
|S
12|
2
Isolation
dB
23
26
P
-1dB
Output Power @ 1 dB Gain Compression
f = 10 GHz
dBm
22
24
Psat
Saturated Output Power
f = 10 GHz
dBm
26
OIP3
Output 3rd Order Intercept Point,
dBm
31
RFin1 = RFin2 = - 20 dBm, f = 10 GHz, ∆f = 2 MHz
NF
Noise Figure
f = 10 GHz
dB
3.6
f = 20 GHz
dB
4.3
H2
Second Harmonic (Pin = 12 dBm at 10 GHz)
dBc
-20
-17.5
H3
Third Harmonic (Pin = 12 dBm at 10 GHz)
dBc
-30
-28
Notes:
1. Data measured in wafer form, Tchuck = 25°C.
2. 100% on wafer RF test is done at frequency = 2, 10, 22, 26.5, and 35 GHz, except as noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com