Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMC-5040 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5040
Description  20-45 GHz GaAs Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5040 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5040 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5040 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image

AMMC-5040 DC Specifications/Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
V
D1,2-3-4
Drain Supply Operating Voltage
V
2
4.5
5
I
D1
First Stage Drain Supply Current (V
DD = 4.5 V, VG1 = -0.5 V)
mA
50
I
D2-3-4
Total Drain Supply Current for Stages 2, 3 and 4 (V
DD = 4.5 V, VGG= -0.5 V)
mA
225
V
G1,2-3-4
Gate Supply Operating Voltages (I
DD = 300 mA)
V
-0.45
V
P
Pinch-off Voltage (V
DD = 4.5 V, IDD < 10 mA)
V
-1.5
θ
ch-b
Thermal Resistance[2] (Backside Temp. T
b = 25°C)
°C/W
49
Notes:
1. Measured in wafer form with T
chuck = 25°C (except θ ch-bs.)
2. Channel-to-backside Thermal Resistance (
θ
ch-b) = 58°C/W at Tchannel (Tc) = 150°C as measured using the liquid crystal method. Thermal Resistance
at backside temperature (T
b) = 25°C calculated from measured data.
RF Specifications[3,4] (V
DD = 4.5V, IDD (Q) = 300 mA, Z0 = 50Ω)
Units
Broadband
Narrow Band Typical Performance
GHz
3–40
1–4
7–9
37–40
40–45
Symbol
Parameters and Test Conditions
Min.
Typ.
Typical
|S
21|
2
Small-signal Gain
dB
20
25
25.5
25
22.4
21.3
∆|S
21|
2
Small-signal Gain Flatness
dB
±1.5
±0.2
±0.4
±0.2
±1.2
RL
in
Input Return Loss
dB
15
17
17
18
21
17
RL
out
Output Return Loss
dB
8
11
10
14
13
13
P
-1dB
Output Power @ 1 dB Gain Compression
dBm
19.5
20
22.5
21
20
f = 22 GHz
P
-3dB
Output Power @ 3 dB Gain Compression, f = 22 GHz dBm
21
21.6
23.5
22.5
21.5
OIP3
Output 3rd Order Intercept Point,
dBm
30
29
29
31
27
∆f = 2 MHz, P
in = -8 dBm, f = 22 GHz
|S
12|
2
Isolation
dB
40
55
55
55
55
55
Notes:
3. Data measured in wafer form, T
chuck = 25°C.
4. 100% on-wafer RF test is done at frequency = 24, 27, 29, 37 and 40 GHz, except as noted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com