Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSDL-7002 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-7002
Description  3/16 Encode/Decode Integrated Circuit in QFN Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-7002 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-7002 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSDL-7002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Order Information
Figure 2. HSDL-7002 Pin Configuration
Part Number Packaging Type
Quantity
HSDL-7002
Tape and Reel
2500
I/O Pins Configuration Table
Marking Information
The unit is marked with A7002 and ‘yyww’ on the chip.
yy = year
ww = work week
Note:
There are two methods of putting the internal oscillator cell in POWERDOWN MODE. Whenever the CLK_SEL pin is asserted high (external clock
select) the oscillator is automatically put in powerdown mode, or whenever the POWERDN pin asserted high.
Name
Type
Function
1
TXD
Digital In
Negative edge triggered input signal that is normally tied to the SOUT signal
of the UART (serial data to be transmitted). Data is modulated and output as
IR_TXD.
2
RXD
Digital Out
Output signal normally tied to SIN signal of a UART (received serial data).
RXD is the demodulated output of IR_RXD.
3
A0
Digital In
Clock Multiplex Signal
4
A1
Digital In
Clock Multiplex Signal
5
A2
Digital In
Clock Multiplex Signal
6
CLK_SEL
Digital In
Used to activate either the internal or external clock. A high on this line
activated the external clock (16XCLK) and a low activates the internal clock.
When the external clock is activated, the internal oscillator is put in POWERDN
mode.
7
GND
Chip Ground
8
NRST
Digital In
Activate low signal used to reset the IrDASIR Encode & Decode state ma-
chine. This signal can be tied to POR (Power-On-Reset) or Vcc.
9
IR_RXD
Digital In
Input from SIR optoelectronics. Input signal is a 3/16th or 1.63 ms pulse that is
demodulated to generate RXD output signal.
10 IR_TXD
Digital Out
This is the modulated TXD signal.
11 PULSEMOD Digital In
(with pull down)
A high level on this input put the chip into the monoshot transmit mode. In
this mode, when there is a negative transition on the TXD input, a rising edge
on the internal transmit modulation state machine will activate a high pulse
on IR_TXD for 6 crystal clock cycles. With a 3.6864 MHz crystal, this corre-
sponds to 1.63 ms. This mode cannot be used in conjunction with the 16XCLK
clock. It is meant to be used with the external crystal clock. By default, this
input pin is pulled to GND
12 POWERDN Digital In
(with pull down)
A high on this input put only the internal oscillator cell in POWERDN mode.
The cell is normally not powered down.
13 OSCOUT
Analog Out
Oscillator Output
14 OSCIN
Analog In
Oscillator Input
15 Vcc
Power
16 16XCLK
Digital In
Positive edge triggered input clock that is set to 16 times the data transmis-
sion baud rate. The encode and decode schemes require this signal. The signal
is usually tied to a UART’s BAUDOUT signal. The 16XCLK may be provided by
application circuitry if BAUDOUT is not available. This signal is required when
the internal clock is not used.
PIN #1
CORNER
Pin 12
Pin 11
Pin 10
Pin 9
Pin 4
Pin 3
Pin 2
Pin 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com