Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF1029 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISF1029
Description  N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1029 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISF1029 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1029 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1029 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISF1029
N-Channel MOSFET Transistor
ELECTRICAL CHARACTERISTICS (TC=25 ℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0, ID= 0.25mA
450
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 500V, VGS= 0
--
--
50
uA
IGSS
Gate-Body Leakage Current
VGS= ±30V,VDS= 0
--
--
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 0.25mA
2.0
--
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 20V, ID= 10A
--
--
300
m Ω
gFS
Forward Transconductance
VDS =25V, ID=10A
--
30
--
S
Ciss
Input Capacitance
VGS=0V,
VDS=25V,
f=1.0MHZ
--
6072
--
pF
Coss
Output Capacitance
--
632
--
Crss
Reverse Transfer Capacitance
--
109
--
Qg
Total Gate Charge
VDD=250V,
ID=20A,
VGS=0 to 10V
--
153
--
nC
Qgs
Gate-Source Charge
--
41
--
Qgd
Gate-Drain Charge
--
86
--
td(on)
Turn-on Delay Time
VDD=250V,
ID=10A,
VGS=10V
RG=25Ω
--
140
--
ns
tr
Turn-on Rise Time
--
480
--
td(off)
Turn-off Delay Time
--
190
--
tf
Turn-off Fall Time
--
162
--
www.iscsemi.com
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com