Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMMP-5618 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-5618
Description  6-20 GHz General Purpose Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-5618 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-5618 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-5618 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
AMMP-5618 DC Specifications/Physical Properties[1]
Symbol
Parameters and Test Conditions
Units
Min.
Typ.
Max.
I
d
Drain Supply Current (under any RF power drive and temperature) (V
d=5.0V)
mA
107
140
θ
ch-b
Thermal Resistance[2] (Backside temperature, T
b = 25°C)
°C/W
34
Notes:
1. Ambient operational temperature T
A = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (T
channel (Tc) = 34°C) as measured using infrared microscopy. Thermal Resistance at backside temperature (Tb)
= 25
°C calculated from measured data.
RF Specifications[3,4,6] (TA= 25°C, Vd=5.0V, Id(Q)= 107 mA, Zo=50 Ω)
Symbol
Parameters and Test Conditions
Units
Typ.
Sigma
Gain
Small-signal Gain[5]
dB
13
0.4
NF
Noise Figure into 50
Ω[5]
dB
4.4
0.2
P-1dB
Output Power at 1 dB Gain Compression
dBm
+19
0.9
OIP3
Third Order Intercept Point;
dBm
+30
1.2
∆f = 100 MHz; Pin = -20 dBm
RLin
Input Return Loss
dB
-12
0.7
RLout
Output Return Loss
dB
-12
0.6
Isol
Reverse Isolation
dB
-40
1.2
Notes:
3. Small/Large -signal data measured in a fully de-embedded test fixture form T
A = 25°C.
4. Pre-assembly into package performance verified 100% on-wafer per AMMC-5618 published specifications
5. This final package part performance is verified by a functional test correlated to actual performance at one or more frequencies
6. Specifications are derived from measurements in a 50
Ω test environment. Aspects of the amplifier performance may be improved over a more narrow
bandwidth by application of additional conjugate, linearity, or low noise (
Γopt) matching.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com