Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7699 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7699
Description  16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7699 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7699 Datasheet HTML 9Page - Analog Devices AD7699 Datasheet HTML 10Page - Analog Devices AD7699 Datasheet HTML 11Page - Analog Devices AD7699 Datasheet HTML 12Page - Analog Devices AD7699 Datasheet HTML 13Page - Analog Devices AD7699 Datasheet HTML 14Page - Analog Devices AD7699 Datasheet HTML 15Page - Analog Devices AD7699 Datasheet HTML 16Page - Analog Devices AD7699 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Technical Data
AD7689
Rev. PrC | Page 13 of 20
CONFIGURATION REGISTER, CFG
The AD7689 uses a 14-bit configuration register (CFG[13:0])
for configuring the inputs, channel to be converted, 1-pole filter
bandwidth, reference, and channel sequencer. The CFG is
latched MSB first with DIN synchronized to SCK rising edge. At
the end of conversion, the register is updated allowing the new
settings to be used. There is always a one deep conversion delay
regardless of when the CFG is written to; during or after
conversion. Note that at power up, the CFG is undefined and a
dummy conversion is required to update the register. To preload
the CFG with a factory setting, hold DIN high for 1 conversion.
Thus CFG[13:0] = 0x3FFF. This sets the AD7689 for:
• IN[7:0] unipolar referenced to GND, sequenced in order
• Full bandwidth for 1-pole filter
• Internal reference/temp sensor disabled, buffer enabled
• No read back of CFG
Table 9 Summarizes the configuration register bit details. Each
corresponding section, where necessary, highlights further
details of the bits used for the specific functions.
Table 9. Configuration Register Description
Bit
Name
Description
13
CFG
0 – Keep current config settings
1 – Overwrite contents of register
12:10
INCC
Input Channel Configuration
12
11
10
Function
0
0
X
Bipolar differential pairs, IN-
referenced to VREF/2
0
1
0
Bipolar, IN0-IN7 referenced to
COM = VREF/2
0
1
1
Temperature sensor
1
0
X
Unipolar differential pairs, IN-
referenced to GND (±100mV)
1
1
0
Unipolar, IN0-IN7 referenced to
COM = GND (±100mV)
1
1
1
Unipolar, IN0-IN7 referenced to
GND (single ended)
9:7
INn
Channel Selection in binary fashion
9
8
7
Function
0
0
0
IN0
0
0
1
IN1
.
.
.
1
1
1
IN7
6
BW
Selects BW for Low Pass Filter
0 – ¼ of BW
1 – Full BW
5:3
REF
Reference/Buffer Selection
5
4
3
Function
0
0
0
Internal ref, REF = 2.5V output
0
0
1
Internal ref, REF = 4.096V output
0
1
0
External ref, Temp enabled
0
1
1
External ref, internal Buffer,
Temp enabled
1
1
0
External ref, Temp disabled
1
1
1
External ref, internal Buf, Temp
disabled
2:1
SEQ
Channel Sequencer
2
1
Function
0
0
Disable Sequencer
0
1
Update config during sequence
1
0
Scan IN0–INn (set in CFG[9:7])
then TEMP
1
1
Scan IN0–INn (set in CFG[9:7])
0
RB
Read back
0 – Read back current configuration at end of data
1- Do not read back contents of configuration
ANALOG INPUTS
Input Configurations
Figure 14 shows the different methods for configuring the
analog inputs with CFG[12:10].
GND
COM
CH0+
CH3+
CH1+
CH2+
CH4+
CH5+
CH6+
CH7+
CH0+
CH3+
CH1+
CH2+
CH4+
CH5+
CH6+
CH7+
COM-
GND
COM
IN1
IN0
IN2
IN3
IN4
IN5
IN6
IN7
IN1
IN0
IN2
IN3
IN4
IN5
IN6
IN7
IN1
IN0
IN2
IN3
IN4
IN5
IN6
IN7
IN1
IN0
IN2
IN3
IN4
IN5
IN6
IN7
A- 8 CHANNELS,
SINGLE ENDED
B - 8 CHANNELS,
COMMON REFERNCE
GND
COM
CH0+ (-)
CH1+ (-)
CH2+ (-)
CH3+ (-)
CH0- (+)
CH1- (+)
CH0+ (-)
CH1+ (-)
CH0- (+)
CH1- (+)
CH2- (+)
CH3- (+)
C - 4 CHANNELS,
DIFFERENTIAL
GND
COM
CH2+
CH3+
CH4+
CH5+
D - COMBINATION
COM-
{
{
{
{
{
{
Figure 14. Multiplexed Analog Input Configuraitons
The analog inputs can be configured as:
• Figure 14A, single ended referenced to system ground;
CFG[12:10] = 1112.
• Figure 14B, bipolar differential with a common reference
point, COM, = VREF/2; CFG[12:10] = 0102.
Unipolar differential with COM connected to a ground
sense; CFG[12:10] = 1102.
• Figure 14C, bipolar differential pairs with INx- referenced
to VREF/2; CFG[12:10] = 00X2.
Unipolar differential pairs with INx- referenced to a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com