Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY74FCT240CTSOC Datasheet(PDF) 1 Page - Texas Instruments

Part # CY74FCT240CTSOC
Description  8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CY74FCT240CTSOC Datasheet(HTML) 1 Page - Texas Instruments

  CY74FCT240CTSOC Datasheet HTML 1Page - Texas Instruments CY74FCT240CTSOC Datasheet HTML 2Page - Texas Instruments CY74FCT240CTSOC Datasheet HTML 3Page - Texas Instruments CY74FCT240CTSOC Datasheet HTML 4Page - Texas Instruments CY74FCT240CTSOC Datasheet HTML 5Page - Texas Instruments CY74FCT240CTSOC Datasheet HTML 6Page - Texas Instruments CY74FCT240CTSOC Datasheet HTML 7Page - Texas Instruments CY74FCT240CTSOC Datasheet HTML 8Page - Texas Instruments CY74FCT240CTSOC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
CY54FCT240T, CY74FCT240T
8-BIT BUFFERS/LINE DRIVERS
WITH 3-STATE OUTPUTS
SCCS017A – MAY 1994 – REVISED OCTOBER 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT and F Logic
D Reduced VOH (Typically = 3.3 V) Versions
of Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D Matched Rise and Fall Times
D Fully Compatible With TTL Input and
Output Logic Levels
D CY54FCT240T
– 48-mA Output Sink Current
12-mA Output Source Current
D CY74FCT240T
– 64-mA Output Sink Current
32-mA Output Source Current
D 3-State Outputs
description
The ’FCT240T devices are octal buffers and line
drivers designed to be employed as memory
address
drivers,
clock
drivers,
and
bus-oriented transmitters/receivers. These devices provide speed and drive capabilities equivalent to their
fastest bipolar logic counterparts, while reducing power consumption. The input and output voltage levels allow
direct interface with TTL, NMOS, and CMOS devices without external components.
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the device when it is powered down.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
CY54FCT240T ...L PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
OEA
DA0
OB0
DA1
OB1
DA2
OB2
DA3
OB3
GND
VCC
OEB
OA0
DB0
OA1
DB1
OA2
DB2
OA3
DB3
CY54FCT240T ...D PACKAGE
CY74FCT240T ...Q OR SO PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
OA0
DB0
OA1
DB1
OA2
DA1
OB1
DA2
OB2
DA3
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CY74FCT240CTSOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT240CTSOC TI-CY74FCT240CTSOC Datasheet
150Kb / 11P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY74FCT240CTSOCT TI-CY74FCT240CTSOCT Datasheet
150Kb / 11P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - CY74FCT240CTSOC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LVC16240A HITACHI-HD74LVC16240A Datasheet
51Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16244A16 HITACHI-HD74LVC16244A16 Datasheet
50Kb / 8P
16-bit Buffers / Line Drivers with 3-state Outputs
HD74LVC16540 HITACHI-HD74LVC16540 Datasheet
51Kb / 8P
16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
CY54FCT240T TI-CY54FCT240T Datasheet
150Kb / 11P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
54AC16244 TI-54AC16244_07 Datasheet
335Kb / 12P
16-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT244T TI-CY54FCT244T_08 Datasheet
714Kb / 20P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LVCZ16240A RENESAS-HD74LVCZ16240A Datasheet
102Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
RD74LVC16240B RENESAS-RD74LVC16240B Datasheet
107Kb / 9P
16-bit Buffers / Line Drivers with 3-state Outputs
logo
Texas Instruments
CY54FCT541T TI1-CY54FCT541T Datasheet
465Kb / 13P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
CY54FCT540T TI1-CY54FCT540T_15 Datasheet
465Kb / 12P
8-BIT BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com