Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOD-RGB Datasheet(PDF) 1 Page - AG Electronica

Part # MOD-RGB
Description  Modulo Led RGB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

MOD-RGB Datasheet(HTML) 1 Page - AG Electronica

  MOD-RGB Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MOD-RGB : Modulo Led RGB
Descripción:
Este módulo contiene un LED RGB de montaje superficial a 5V. Cuenta
con un conector header macho de 4 pines listo para conectarse y
comenzar a utilizar. El módulo incluye 4 cables jumper hembra de 200
mm de longitud.
AG Electrónica S.A. de C.V.
República del Salvador N° 20
Segundo Piso
Teléfono: 5130 - 7210
http://agelectronica.com/AG/
Rev 1. FJLH
Fecha: 08/11/2017
Rev 2. BMF


Similar Part No. - MOD-RGB

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MOD-09-F MULTICOMP-MOD-09-F Datasheet
328Kb / 1P
D-Sub Connector Module MOD Series
05/05/20 V1.0
MOD-09-M MULTICOMP-MOD-09-M Datasheet
328Kb / 1P
D-Sub Connector Module MOD Series
05/05/20 V1.0
MOD-15-F MULTICOMP-MOD-15-F Datasheet
328Kb / 1P
D-Sub Connector Module MOD Series
05/05/20 V1.0
MOD-15-M MULTICOMP-MOD-15-M Datasheet
328Kb / 1P
D-Sub Connector Module MOD Series
05/05/20 V1.0
MOD-25-F MULTICOMP-MOD-25-F Datasheet
328Kb / 1P
D-Sub Connector Module MOD Series
05/05/20 V1.0
More results

Similar Description - MOD-RGB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1347 ETC-M1347 Datasheet
150Kb / 2P
RGB LED IC
PX48-175 ETC2-PX48-175 Datasheet
375Kb / 2P
MODULO FOTOVOLTAICO PX48
QBLP677-RGB3 ETC2-QBLP677-RGB3 Datasheet
368Kb / 8P
PLCC4 RGB LED
QBLP679E-RGB ETC2-QBLP679E-RGB Datasheet
510Kb / 10P
PLCC6 RGB LED
QBLP679-RGB3 ETC2-QBLP679-RGB3 Datasheet
383Kb / 8P
PLCC6 RGB LED
logo
Inolux Corporation
IN-B101FCH INOLUX-IN-B101FCH Datasheet
1Mb / 16P
RGB Chip LED
logo
WORLDSEMI CO., LIMITED
WS-5050RGB WORLDSEMI-WS-5050RGB Datasheet
299Kb / 5P
RGB SMD LED
logo
SparkFun Electronics
DEV-13735 SPARKFUN-DEV-13735 Datasheet
165Kb / 2P
LilyPad RGB LED
7??2??9
logo
MOSDESIGN SEMICONDUCTOR...
M1349 MOSDESIGN-M1349 Datasheet
27Kb / 2P
RGB LED IC
2005-06-01
logo
Renesas Technology Corp
HD74AC393 RENESAS-HD74AC393 Datasheet
222Kb / 9P
Dual Modulo-16-Counter
Jul.16.2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com