Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331DL Datasheet(PDF) 9 Page - STMicroelectronics

Part # LIS331DL
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331DL Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LIS331DL Datasheet HTML 5Page - STMicroelectronics LIS331DL Datasheet HTML 6Page - STMicroelectronics LIS331DL Datasheet HTML 7Page - STMicroelectronics LIS331DL Datasheet HTML 8Page - STMicroelectronics LIS331DL Datasheet HTML 9Page - STMicroelectronics LIS331DL Datasheet HTML 10Page - STMicroelectronics LIS331DL Datasheet HTML 11Page - STMicroelectronics LIS331DL Datasheet HTML 12Page - STMicroelectronics LIS331DL Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LIS331DL
Mechanical and electrical specifications
9/38
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Table 2.
Mechanical characteristics (1) (2)
Symbol
Parameter
Test conditions
Min.
Typ.(3)
Max.
Unit
FS
Measurement range(4)
FS bit set to 0
±2.0
±2.3
g
FS bit set to 1
±8.0
±9.2
So
Sensitivity
FS bit set to 0
18
mg/digit
FS bit set to 1
72
TCSO
Sensitivity change vs
temperature
FS bit set to 0
±0.01
%/°C
TyOff
Typical zero-g level offset
accuracy(5),(6)
FS bit set to 0
±40
mg
FS bit set to 1
±60
mg
TCOff
Zero-g level change vs
temperature
Max delta from 25°C
±0.5
mg/°C
Vst
Self test output
change(7),(8),(9)
FS bit set to 0
STP bit used
X axis
-11
LSb
FS bit set to 0
STP bit used
Y axis
11
LSb
FS bit set to 0
STP bit used
Z axis
-11
LSb
BW
System bandwidth(10)
ODR/2
Hz
Top
Operating temperature range
-40
+85
°C
Wh
Product weight
20
mgram
1.
All the parameters are specified @ Vdd= 2.5 V, T = 25°C unless otherwise noted
2.
The product is factory calibrated at 2.5V. The operational power supply range is from 3.0V to 3.6V.
3.
Typical specifications are not guaranteed
4.
Verified by wafer level test and measurement of initial offset and sensitivity
5.
Typical zero-g level offset value after MSL3 preconditioning
6.
Offset can be eliminated by enabling the built-in high pass filter
7.
If STM bit is used values change in sign for all axes
8.
Self Test output changes with the power supply. Self test “output change” is defined as OUTPUT[LSb](Self-test bit on ctrl_reg1=1)
-OUTPUT[LSb](Self-test bit on ctrl_reg1=0). 1LSb=4.6g/256 at 8bit representation, ±2.3g Full-Scale
9.
Output data reach 99% of final value after 3/ODR when enabling Self-Test mode due to device filtering
10. ODR is output data rate. Refer to table 3 for specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com