Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS331DLTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LIS331DLTR
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐍ano??accelerometer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS331DLTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LIS331DLTR Datasheet HTML 7Page - STMicroelectronics LIS331DLTR Datasheet HTML 8Page - STMicroelectronics LIS331DLTR Datasheet HTML 9Page - STMicroelectronics LIS331DLTR Datasheet HTML 10Page - STMicroelectronics LIS331DLTR Datasheet HTML 11Page - STMicroelectronics LIS331DLTR Datasheet HTML 12Page - STMicroelectronics LIS331DLTR Datasheet HTML 13Page - STMicroelectronics LIS331DLTR Datasheet HTML 14Page - STMicroelectronics LIS331DLTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LIS331DL
Mechanical and electrical specifications
11/38
2.3
Communication interface characteristics
2.3.1
SPI interface
Subject to general operating conditions for Vdd and Top.
Table 4.
SPI slave timing values
Figure 4.
SPI slave timing diagram (2)
Note:
1
Values are guaranteed at 10MHz clock frequency for SPI with both 4 and 3 wires, based on
characterization results, not tested in production
2
Measurement points are done at 0.2·Vdd_IO and 0.8·Vdd_IO, for both Input and output
ports
3
When no communication is on-going, data on CS, SPC, SDI and SDO are driven by internal
pull-up resistors
Symbol
Parameter
Value Note: 1
Unit
Min
Max
tc(SPC)
SPI clock cycle
100
ns
fc(SPC)
SPI clock frequency
10
MHz
tsu(CS)
CS setup time
5
ns
th(CS)
CS hold time
8
tsu(SI)
SDI input setup time
5
th(SI)
SDI input hold time
15
tv(SO)
SDO valid output time
50
th(SO)
SDO output hold time
6
tdis(SO)
SDO output disable time
50
SPC
CS
SDI
SDO
tsu(CS)
tv(SO)
th(SO)
th(SI)
tsu(SI)
th(CS)
tdis(SO)
tc(SPC)
MSB IN
MSB OUT
LSB OUT
LSB IN
(3)
(3)
(3)
(3)
(3)
(3)
(3)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com