Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMA-A100-R45J1 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMA-A100-R45J1
Description  Surface Mount LED Indicator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMA-A100-R45J1 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMA-A100-R45J1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMA-A100-R45J1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMA-A100-R45J1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMA-A100-R45J1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMA-A100-R45J1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMA-A100-R45J1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMA-A100-R45J1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMA-A100-R45J1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMA-A100-R45J1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Part Numbering System
Packaging Option
Color Bin Selection
Intensity Bin Select
Device Specific Configuration
Package Type
LED Chip Color
HSM x1 - A x2 xx4 - x5x6 x7 x8x9
Absolute Maximum Ratings (TA = 25°C)
Parameters
HSMS/D/Y/G
HSMH
HSMC/J/L/A
HSME
HSMZ/V/U
HSMM/K/B/N
DC Forward Current[1]
0 mA
0 mA
0 mA[,4]
20 mA[4]
0 mA[,4]
0 mA
Peak Forward Current[2] 100 mA
100 mA
100 mA
100 mA
100 mA
100 mA
Power Dissipation
6 mW
60 mW
6 mW
48 mW
72 mW
114 mW
Reverse Voltage
5 V
Junction Temperature
110°C
Operating Temperature
–55°C to +100°C
Storage Temperature
–55°C to +100°C
Notes:
1. Derate linearly as shown in Figure 4.
2. Duty factor = 10%, Frequency = 1 kHz.
. Drive current between 10 mA and 0 mA is recommended for best long term performance.
4. Operation at current below 5 mA is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com