Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G696 Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G696
Description  Microprocessor Reset IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G696 Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G696 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G696 Datasheet HTML 11Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Ver: 1.8
May 10, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G696/G697
Global Mixed-mode Technology Inc.
TSOT-23-5 (TO) Package
Note:
6. Package body sizes exclude mold flash protrusions or gate burrs
7. Tolerance ±0.1000 mm (4mil) unless otherwise specified
8. Coplanarity: 0.1000mm
9. Dimension L is measured in gage plane
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-----
-----
1.00
-----
-----
0.039
A1
0.00
-----
0.10
0.000
-----
0.004
A2
-----
-----
0.90
-----
-----
0.035
b
0.35
0.40
0.50
0.014
0.016
0.020
C
0.10
0.15
0.25
0.004
0.006
0.010
D
2.70
2.90
3.10
0.106
0.114
0.122
E
1.40
1.60
1.80
0.055
0.063
0.071
e
-----
1.90(TYP)
-----
-----
0.075(TYP)
-----
e1
-----
0.95
-----
-----
0.037
-----
H
2.60
2.80
3.00
0.102
0.110
0.118
L
0.37
------
-----
0.015
-----
-----
θ1
1°
5°
9°
1°
5°
9°
Taping Specification
PACKAGE
Q’TY/REEL
SOT-23-5
3,000 ea
TSOT-23-5
3,000 ea
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
E
e
D
H
θ1
L
C
b
A2
A1
A
e1
Feed Direction
TSOT-23-5、SOT-23-5 Package Orientation
Feed Direction
TSOT-23-5、SOT-23-5 Package Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com