Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G751 Datasheet(PDF) 11 Page - Global Mixed-mode Technology Inc

Part # G751
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G751 Datasheet(HTML) 11 Page - Global Mixed-mode Technology Inc

Back Button G751 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 9Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 10Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 11Page - Global Mixed-mode Technology Inc G751 Datasheet HTML 12Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Ver: 2.7
Dec 26, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
11
G751
Global Mixed-mode Technology Inc.
MSOP-8 Package
MSOP-8 Package
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
-----
-----
1.10
-----
-----
0.043
A1
0.05
-----
0.15
0.002
-----
0.006
A2
0.81
0.86
0.91
0.032
0.034
0.036
b
0.25
-----
0.40
0.008
-----
0.012
b1
0.25
0.30
0.35
0.010
0.012
0.014
c
0.13
-----
0.23
0.005
0.009
c1
0.13
0.15
0.18
0.005
0.006
0.007
D
2.90
3.00
3.10
0.114
0.118
0.122
E1
2.90
3.00
3.10
0.114
0.118
0.122
e
0.65 BSC
0.026 BSC
E
4.90 BSC
0.193 BSC
L
0.445
0.55
0.648
0.0175
0.0217
0.0255
θ1
0°
-----
6°
0°
-----
6°
θ2
12 REF
12 REF
θ3
12 REF
12 REF
R
0.09
-----
-----
0.004
-----
-----
R1
0.09
-----
-----
0.004
-----
-----
JEDEC
MO-187AA
E1
8
E
1
DETAIL “A”
A
A
C
L
e
b
D
A2
A
A1
C
0.076
SEATING PLANE
b
b1
WITH PLATING
BASE METAL
c1
c
θ1
GAUGE PLANE
R
R1
L
θ3
θ2
SECTION A-A
E1
8
E
1
DETAIL “A”
A
A
C
L
e
b
D
A2
A
A1
C
0.076
SEATING PLANE
b
b1
WITH PLATING
BASE METAL
c1
c
θ1
GAUGE PLANE
R
R1
L
θ3
θ2
E1
8
E
1
DETAIL “A”
A
A
C
L
e
b
D
A2
A
A1
C
0.076
SEATING PLANE
b
b1
WITH PLATING
BASE METAL
c1
c
θ1
GAUGE PLANE
R
R1
L
θ3
θ2
SECTION A-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com