Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G910 Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G910
Description  3.3V 600mA/250mA Low Dropout Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G910 Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G910 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G910 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Ver: 7.2
Jan 20, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G910/G911
Global Mixed-mode Technology Inc.
Typical Performance Characteristics
VIN=5V, CIN=1µF, COUT =10µF, TA=25°C, unless otherwise noted.)
3.27
3.28
3.29
3.3
3.31
3.32
3.33
3.34
0
100
200
300
400
500
600
Load Current (mA)
Line Transient
Ch1: Vout (offset=3.30V)
Ch2: Vin (offset=5.0V)
I
OUT=100mA
Output Voltage vs. Load Current
Quiescent Current vs. Temperature
0
10
20
30
40
50
60
10
100
1000
10000
100000
1000000
Frequency (Hz)
200
250
300
350
400
450
500
550
600
-15
5
25
45
65
85
105
125
Temperature (°C)
I
L=300mA
0
20
40
60
80
100
120
140
160
180
200
220
240
-45
-25
-5
15
35
55
75
95
115
Temperature (°C)
V
IN=6V
V
IN=5V
100mA
300mA
600mA
Dropout Volatge vs. Temperature
Ripple Rejection vs. Frequency
Load Transient



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com