Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-CB36-RSAXX Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CB36-RSAXX
Description  T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CB36-RSAXX Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-CB36-RSAXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB36-RSAXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB36-RSAXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB36-RSAXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB36-RSAXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB36-RSAXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB36-RSAXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB36-RSAXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-CB36-RSAXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Figure 5. Relative intensity vs. DC forward current.
Figure 4. Relative dominant wavelength vs. DC forward current.
Figure 1. Relative intensity vs. wavelength.
Figure 3. Forward current vs. forward voltage.
Figure 2. Forward current vs. ambient temperature.
WAVELENGTH – nm
380
430
480
530
580
630
680
1.0
CYAN
BLUE
0
0.8
0.6
0.4
0.2
GREEN
0
0
TA – AMBIENT TEMPERATURE – °C
50
80
35
10
5
15
10
20
30
40
60
70
90
20
25
30
R
θJ-A = 780 °C/W
0
35
10
5
0
3.0
30
25
20
15
2.0
1.0
FORWARD VOLTAGE – V
4.0
DC FORWARD CURRENT – mA
010
15
520
25
30
1.035
1.025
1.030
0.990
1.015
1.020
1.010
1.005
1.000
0.995
BLUE
GREEN
CYAN
0
1.6
0.2
DC FORWARD CURRENT – mA
0
5
15
30
1.2
10
25
20
1.4
0.4
1.0
0.8
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com