Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P124 Datasheet(PDF) 2 Page - Polyfet RF Devices

Part # P124
Description  PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

P124 Datasheet(HTML) 2 Page - Polyfet RF Devices

  P124 Datasheet HTML 1Page - Polyfet RF Devices P124 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
F2C 2 DIE GM & ID vs VGS
Vgs in Volts
0.01
0.1
1
10
0
2
4
6
8
10
12
14
Gm
Id
F2C 2 DIE CAPACITANCE
VDS IN VOLTS
1
10
100
0
5
10
15
20
25
30
Crss
Coss
Ciss
P124 Freq=850Mhz; Vds=12.5Vdc, Idq=.4A
0
1
2
3
4
5
6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Pin in Watts
7
8
9
10
11
12
Pout
Gain
Linear @ .5 watts
P1dB=3 watts
Efficiency = 45%
POLYFET RF DEVICES
POUT VS PIN GRAPH
CAPACITANCE VS VOLTAGE
ID & GM VS VGS
IV CURVE
S11 & S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
P124
F2C 2 DIE IV CURVE
Vds in Volts
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
2
4
6
8
10
12
14
16
Vg = 2V
Vg = 4V
Vg = 6V
Vg = 8V
Vg = 10V
Vg = 12V
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
REVISION 11/27/2000
Tolerance .XX +/-0.01
.XXX +/-.005 inches



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com