Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

59C11 Datasheet(PDF) 11 Page - Microchip Technology

Part # 59C11
Description  1K 5.0V Microwire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

59C11 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 59C11 Datasheet HTML 4Page - Microchip Technology 59C11 Datasheet HTML 5Page - Microchip Technology 59C11 Datasheet HTML 6Page - Microchip Technology 59C11 Datasheet HTML 7Page - Microchip Technology 59C11 Datasheet HTML 8Page - Microchip Technology 59C11 Datasheet HTML 9Page - Microchip Technology 59C11 Datasheet HTML 10Page - Microchip Technology 59C11 Datasheet HTML 11Page - Microchip Technology 59C11 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
59C11
© 1996 Microchip Technology Inc.
DS20040J-page 11
59C11 Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Package:
P = Plastic DIP (300 mil Body)
SN = Plastic SOIC (150 mil Body)
SM = Plastic SOIC (207 mil Body)
Temperature
Blank = 0
°C to +70°C
Range:
I = -40
°C to +85°C
E = -40
°C to +125°C
Device:
59C11
1K Microwire Serial EEPROM
59C11T
1K Microwire Serial EEPROM (Tape and Reel)
59C11 –I/P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com