Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC721 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # SC721
Description  SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

SC721 Datasheet(HTML) 1 Page - Polyfet RF Devices

  SC721 Datasheet HTML 1Page - Polyfet RF Devices SC721 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
polyfet rf devices
SC721
8
Single Ended
AC
55.0
3.5
45.0
2.80 C/W
40
1.3
9.50
1.0
60
0.60
3.50
6.0
60
0.10
50
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Common Source Power Gain
Drain Efficiency
Total
Device
Dissipation
Junction to
Case Thermal
Resistance
Maximum
Junction
Temperature
Storage
Temperature
DC Drain
Current
Drain to
Source
Voltage
Gate to
Source
Voltage
-65 C to 150 C
200 C
A
V
Load Mismatch Tolerance
VSWR
Drain to
Gate
Voltage
20:1
Relative
0.20
20.00
Ids =
mA, Vgs = 0V
V, Vgs = 0V
Ciss
Crss
Coss
Vds =
Idq =
A, Vds =
V, F =
0.20
Bvdss
Idss
Drain Breakdown Voltage
V
mA
pF
pF
pF
Common Source Output Capacitance
Common Source Feedback Capacitance
Idq =
Idq = 0.20
400
Vgs = 20V, Ids =
Rdson
Saturation Resistance
Forward Transconductance
gM
Vds = 10V, Vgs = 5V
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, Ca 93012 Tel:(805) 484-4210 FAX: (805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
400
400
Common Source Input Capacitance
50
V
Igss
Vgs
Idsat
Zero Bias Drain Current
Gate Leakage Current
Gate Bias for Drain Current
Saturation Current
1
7
uA
V
Mho
Ohm
Amp
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
ELECTRICAL CHARACTERISTICS ( EACH SIDE )
RF CHARACTERISTICS (
15.0
ABSOLUTE MAXIMUM RATINGS ( T =
Gps
12.5
A, Vds =
V, F =
A, Vds =
V, F =
12.5
12.5
Watts
V
1
MHz
MHz
MHz
Watts
Package Style
15.0
Vds = 0V Vgs = 30V
Vgs = 20V, Vds = 10V
HIGH EFFICIENCY, LINEAR
HIGH GAIN, LOW NOISE
General Description
12.5
Vds =
A, Vgs = Vds
Ids =
A
η
dB
%
o
o
o
o
o
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Militry Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
"Polyfet" process features
low feedback and output capacitances
resulting in high F transistors with high
input impedance and high efficiency.
TM
t
SILICON GATE ENHANCEMENT MODE
RF POWER
TRANSISTOR
VDMOS
Vgs = 0V, F = 1 MHz
12.5
Vds =
Vgs = 0V, F = 1 MHz
12.5
Vds =
Vgs = 0V, F = 1 MHz
12.5
REVISION 03/28/2001
20
25 C )
WATTS OUTPUT )


Similar Part No. - SC721

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC72131 SILAN-SC72131 Datasheet
215Kb / 10P
PLL FOR DIGITAL TUNING SYSTEM(DTS)
SC72131S SILAN-SC72131S Datasheet
215Kb / 10P
PLL FOR DIGITAL TUNING SYSTEM(DTS)
logo
Infinite Electronics In...
SC7216 FAIRVIEW-SC7216 Datasheet
567Kb / 4P
SMA Male Connector Clamp/Solder Attachment For Harbour LL335 Cable
REV 1.1A
logo
Polyfet RF Devices
SC721 POLYFET-SC721_14 Datasheet
61Kb / 2P
RF POWER VDMOS TRANSISTOR
More results

Similar Description - SC721

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SD703 POLYFET-SD703 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SH702 POLYFET-SH702 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SH703 POLYFET-SH703 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SK204 POLYFET-SK204 Datasheet
34Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SK701 POLYFET-SK701 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SK702 POLYFET-SK702 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SM703 POLYFET-SM703 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SM706 POLYFET-SM706 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SM724 POLYFET-SM724 Datasheet
36Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SR746 POLYFET-SR746 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com