Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCTL-2000 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCTL-2000
Description  Quadrature Decoder/Counter Interface ICs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCTL-2000 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCTL-2000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCTL-2000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCTL-2000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCTL-2000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCTL-2000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCTL-2000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCTL-2000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCTL-2000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCTL-2000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
The use of Schmitt-triggered
CMOS inputs and input noise
filters allows reliable operation in
noisy environments. The HCTL-
2000 contains a 12-bit counter.
The HCTL-2016 and 2020
contain a 16-bit counter. The
HCTL-2020 also contains
quadrature decoder output
signals and cascade signals for
use with many standard counter
ICs. The HCTL-20XX family
provides LSTTL compatible tri-
state output buffers. Operation is
specified for a temperature range
from -40 to +85
°C at clock
frequencies up to 14 MHz.
Package Dimensions
Operating Characteristics
Table 1. Absolute Maximum Ratings
(All voltages below are referenced to VSS)
Parameter
Symbol
Limits
Units
DC Supply Voltage
VDD
-0.3 to +5.5
V
Input Voltage
VIN
-0.3 to VDD +0.3
V
Storage Temperature
TS
-40 to +125
°C
Operating Temperature
TA[1]
-40 to +85
°C
Table 2. Recommended Operating Conditions
Parameter
Symbol
Limits
Units
DC Supply Voltage
VDD
+4.5 to +5.5
V
Ambient Temperature
TA[1]
-40 to +85
°C
19.05
± 0.25
(0.750
± 0.010)
15
°
1.52
± 0.13
(0.060
± 0.005)
25.91
± 0.25
(1.02
± 0.010)
9.40 (0.370)
15
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com