Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM26C32CDBLE Datasheet(PDF) 6 Page - Texas Instruments

Part # AM26C32CDBLE
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM26C32CDBLE Datasheet(HTML) 6 Page - Texas Instruments

Back Button AM26C32CDBLE Datasheet HTML 2Page - Texas Instruments AM26C32CDBLE Datasheet HTML 3Page - Texas Instruments AM26C32CDBLE Datasheet HTML 4Page - Texas Instruments AM26C32CDBLE Datasheet HTML 5Page - Texas Instruments AM26C32CDBLE Datasheet HTML 6Page - Texas Instruments AM26C32CDBLE Datasheet HTML 7Page - Texas Instruments AM26C32CDBLE Datasheet HTML 8Page - Texas Instruments AM26C32CDBLE Datasheet HTML 9Page - Texas Instruments AM26C32CDBLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AM26C32
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS104I − DECEMBER 1990 − REVISED SEPTEMBER 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
TEST CIRCUIT
VOLTAGE WAVEFORMS
0 V
Output
VOH
VOL
10%
90%
90%
10%
tTLH
tTHL
tPLH
tPHL
2.5 V
−2.5 V
50%
Input
Device
Under
Test
A
B
VCC
CL = 50 pF
(see Note A)
Input
NOTE A: CL includes probe and jig capacitance.
Figure 1. Switching Test Circuit and Voltage Waveforms
TEST CIRCUIT
Device
Under
Test
G Input
G Input
VCC
S1
RL = 1 kΩ
CL = 50 pF
(see Note A)
VID = ±2.5 V
VOLTAGE WAVEFORMS
tPZL, tPLZ Measurement: S1 to VCC
tPZH, tPHZ Measurement: S1 to GND
1.3 V
G
G
(see Note B)
Output
(with VID = 2.5 V)
Output
(with VID = −2.5 V)
tPZH
tPHZ
tPZH
tPHZ
tPZL
tPLZ
tPZL
tPLZ
VOH −0.5 V
VOL + 0.5 V
VOH −0.5 V
VOL + 0.5 V
3 V
0 V
3 V
0 V
VOH
VOL
VOH
VOL
1.3 V
50%
50%
A Input
B Input
NOTES: A. CL includes probe and jig capacitance.
B. The input pulse is supplied by a generator having the following characteristics: PRR = 1 MHz, duty cycle
≤ 50%, tr = tf = 6 ns.
Figure 2. Enable/Disable Time Test Circuit and Output Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com