Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAO2 Datasheet(PDF) 1 Page - France Joint

Part # UAO2
Description  CASSETTE SEALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

UAO2 Datasheet(HTML) 1 Page - France Joint

  UAO2 Datasheet HTML 1Page - France Joint UAO2 Datasheet HTML 2Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS
DESCRIPTION
The UAO2 profile is an inverted cassette
seal where the upper part is fitted
and tightened on the rotating hub.
The lower part is fitted onto the fixed
shaft and is composed of a primary
lip with an integrated spring and an
anti-pollution lip. A metal reinforcement
is built in to offer additional protection
in the dynamic sealing area when
faced with a moderate pollution level.
ADVANTAGES
Moderate friction coefficient
Moderate protection against dirt
Reduced need for maintenance
Easy to fit with low risk of
seal deterioration
APPLICATIONS
Axles
Pinions
Hubs
HGVs
|
TECHNICAL DATA
Technical data
NBR 70 - 75 Shore A
FKM 70 - 75 Shore A
HNBR 70 - 75 Shore A
Temperature
-30°C / +80°C
-20°C/+100°C
-30°C/+90°C
Pressure
0.02 - 0.05 MPa
0.02 - 0.05 MPa
0.02 - 0.05 MPa
Level of pollution
Normal
Normal
Normal
The figures above indicate the maximum values and may not be cumulated. They may be
developed, depending on the materials used.
MATERIALS
Rubber
ACM 70 - 75 Shore A
FKM 70 - 75 Shore A
HNBR 70 - 75 Shore A
NBR 70 - 75 Shore A
Metal cage
Steel - AISI 1010
Stainless steel - AISI 304
Stainless steel - AISI 316
Spring
Steel - AISI 1070 - 1090
Stainless steel - AISI 316
CASSETTE SEALS
UAO2
CASSETTE SEALS |
UAO2


Similar Part No. - UAO2

ManufacturerPart #DatasheetDescription
logo
France Joint
UAO1 FRANCEJOINT-UAO1 Datasheet
386Kb / 2P
CASSETTE SEALS
UAO3 FRANCEJOINT-UAO3 Datasheet
370Kb / 3P
CASSETTE SEALS
UAO3100X130X17 FRANCEJOINT-UAO3100X130X17 Datasheet
370Kb / 3P
CASSETTE SEALS
UAO3100X140X17 FRANCEJOINT-UAO3100X140X17 Datasheet
370Kb / 3P
CASSETTE SEALS
UAO3110X140X17 FRANCEJOINT-UAO3110X140X17 Datasheet
370Kb / 3P
CASSETTE SEALS
More results

Similar Description - UAO2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1217U ETC-D1217U Datasheet
129Kb / 1P
CASSETTE DETAILS
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
DISCO Corporation
MDTC-300-01 DISCO-MDTC-300-01 Datasheet
138Kb / 1P
Cassette
MDTC-300-02 DISCO-MDTC-300-02 Datasheet
149Kb / 1P
Cassette
MDTC-300-03 DISCO-MDTC-300-03 Datasheet
146Kb / 1P
Cassette
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
CAMLE ENTRY SEALS STANDARD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com