Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8583P Datasheet(PDF) 3 Page - SYC Electronica

Part # PCF8583P
Description  Clock/calendar with 240 X 8-bit RAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

PCF8583P Datasheet(HTML) 3 Page - SYC Electronica

  PCF8583P Datasheet HTML 1Page - SYC Electronica PCF8583P Datasheet HTML 2Page - SYC Electronica PCF8583P Datasheet HTML 3Page - SYC Electronica PCF8583P Datasheet HTML 4Page - SYC Electronica PCF8583P Datasheet HTML 5Page - SYC Electronica PCF8583P Datasheet HTML 6Page - SYC Electronica PCF8583P Datasheet HTML 7Page - SYC Electronica PCF8583P Datasheet HTML 8Page - SYC Electronica PCF8583P Datasheet HTML 9Page - SYC Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1997 Jul 15
3
Philips Semiconductors
Product specification
Clock/calendar with 240
× 8-bit RAM
PCF8583
1
FEATURES
• I2C-bus interface operating supply voltage: 2.5 V to 6 V
• Clock operating supply voltage (0 to +70 °C):
1.0 V to 6.0 V
• 240 × 8-bit low-voltage RAM
• Data retention voltage: 1.0 V to 6 V
• Operating current (at fSCL = 0 Hz): max. 50 µA
• Clock function with four year calendar
• Universal timer with alarm and overflow indication
• 24 or 12 hour format
• 32.768 kHz or 50 Hz time base
• Serial input/output bus (I2C)
• Automatic word address incrementing
• Programmable alarm, timer and interrupt function
• Slave address:
– READ: A1 or A3
– WRITE: A0 or A2.
2
GENERAL DESCRIPTION
The PCF8583 is a clock/calendar circuit based on a
2048-bit static CMOS RAM organized as 256 words by
8 bits. Addresses and data are transferred serially via the
two-line bidirectional I2C-bus. The built-in word address
register is incremented automatically after each written or
read data byte. Address pin A0 is used for programming
the hardware address, allowing the connection of two
devices to the bus without additional hardware.
The built-in 32.768 kHz oscillator circuit and the first
8 bytes of the RAM are used for the clock/calendar and
counter functions. The next 8 bytes may be programmed
as alarm registers or used as free RAM space.
The remaining 240 bytes are free RAM locations.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage operating mode
I2C-bus active
2.5
−
6.0
V
I2C-bus inactive
1.0
−
6.0
V
IDD
supply current operating mode
fSCL = 100 kHz
−−
200
µA
IDDO
supply current clock mode
fSCL = 0 Hz; VDD =5V
−
10
50
µA
fSCL = 0 Hz; VDD =1V
−
210
µA
Tamb
operating ambient temperature range
−40
−
+85
°C
Tstg
storage temperature range
−65
−
+150
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8583P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF8583T
SO8
plastic small outline package; 8 leads; body width 7.5 mm
SOT176-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com