Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN2004AS Datasheet(PDF) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADN2004AS
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADN2004AS Datasheet(HTML) 1 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADN2004AS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADN2004AS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADN2004AS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADN2004AS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADN2004AS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADN2004AS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ADN2004AS
1 / 6
www.advsemi.com
Ver.0.11
ADV
N-Channel Enhancement Mode Field Effect Transistor
PRODUCT SUMMARY
Absolute Maximum Ratings ( TA = 25°C unless otherwise specifed )
Symbol
Parameter
Ratings
Unit
Common Ratings
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±
12
TJ
Maximum Junction Temperature
150
°C
TSTG
Storage Temperature Range
-55 to150
°C
IS
Diode Continuous Forward Current
TC =25°C
28
A
Mounted on Large Heat Sink
IDM
300μs Pulse Drain Current Tested
(
2)
TC=25°C
112
A
ID
Continuous Drain Current
(
1)
TC=25°C
28
A
TC=100°C
22.5
A
PD
Maximum Power Dissipation
TC=25°C
3.1
W
Thermal Characteristics
Symbol
Parameter
Ratings
Unit
RthJC
Thermal resistance junction-case max
(
1)
6.9
°C/W
RthJA
Thermal resistance junction-ambient max
(
1)
50
°C/W
VDSS
ID
RDS(ON) (mΩ)
20V
28A
4.0mΩ
SOP-8
S
S
S
G
D
D
D
D


Similar Part No. - ADN2004AS

ManufacturerPart #DatasheetDescription
logo
Advanced (Shenzhen) Ele...
ADN2005AS ADV-ADN2005AS Datasheet
1Mb / 6P
N-Channel Enhancement Mode Field Effect Transistor
Ver.0.11
More results

Similar Description - ADN2004AS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com