Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD2435 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # PD2435
Description  4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PD2435 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button PD2435 Datasheet HTML 3Page - OSRAM GmbH PD2435 Datasheet HTML 4Page - OSRAM GmbH PD2435 Datasheet HTML 5Page - OSRAM GmbH PD2435 Datasheet HTML 6Page - OSRAM GmbH PD2435 Datasheet HTML 7Page - OSRAM GmbH PD2435 Datasheet HTML 8Page - OSRAM GmbH PD2435 Datasheet HTML 9Page - OSRAM GmbH PD2435 Datasheet HTML 10Page - OSRAM GmbH PD2435 Datasheet HTML 11Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
 2001 OSRAM Opto Semiconductors Inc.• San Jose, CA
PD2535/6/7, PD3535/6/7, PD4435/6/7
www.infineon.com/opto • 408-456-4000
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
10
July 5, 2001-14
Electrical and Mechanical Considerations
The CMOS IC of the display is designed to provide resistance
to both Electrostatic Discharge Damage and Latch Up due to
voltage or current surges. Several precautions are strongly rec-
ommended to avoid overstressing these built-in safeguards.
ESD Protection
Display users should be careful to handle the devices consis-
tent with Standard ESD protection procedures. Operators
should wear appropriate wrist, ankle or feet ground straps and
avoid clothing that collects static charges. Work surfaces, tools
and transport carriers that come into contact with unshielded
devices or assemblies should also be appropriately grounded.
Latch up Protection
Latch up is a condition that occurs in CMOS ICs after the input
protection diodes have been broken down. These diodes can
be reversed through several means:
VIN<GND, VIN>VCC + 0.5 V, or through excessive currents
forced on the inputs. When these situations exist, the IC may
develop the response of an SCR and begin conducting as much
as one amp through the VCC pin. This destructive condition will
persist (latched) until device failure or the device is turned off.
The Voltage Transient Suppression Techniques and buffer inter-
faces for longer cable runs help considerably to prevent latch
conditions from occurring. Additionally, the following Power Up
and Power Down sequence should be observed.
Power up Sequence
1. Float all active signals by tri-stating inputs to displays.
2. Apply VCC and GND to the display.
3. Apply active signals to the displays by enabling all input
signals per application.
Figure 7. Character Set
ASCII
CODE
D0
D1
D2
D3
0
0
0
0
0
1
0
0
0
1
0
1
0
0
2
1
1
0
0
3
0
0
1
0
4
1
0
1
0
5
0
1
1
0
6
1
1
1
0
7
0
0
0
1
8
1
0
0
1
9
0
1
0
1
A
1
1
0
1
B
0
0
1
1
C
1
0
1
1
D
0
1
1
1
E
1
1
1
1
F
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
D6 D5 D4 HEX
Notes:
1. A2 must be held high for ASCII data.
2. Bit D7=1 enables attributes for the
assigned digit.
Power Down Sequence
1. Float all active signals by tri-stating the inputs to the display.
2. Turn off the power to the display.
Soldering Considerations
These displays can be hand soldered with SN63 solder using a
grounded iron set to 260
°C.
Wave soldering is also possible following these conditions: Pre-
heat that does not exceed 93
°C on the solder side of the PC
board or a package surface temperature of 85
°C. Water soluble
organic acid flux (except carboxylic acid) or rosin-based RMA
flux without alcohol can be used.
Wave temperature is 245
°C ±5°C with a dwell between 1.5
seconds to 3.0 seconds. Exposure to the wave should not
exceed temperatures above 260
°C, for 5 seconds at 0.063"
below the seating plane. The packages should not be
immersed in the wave.
Voltage Transient Suppression
It has become common practice to provide 0.01
µF bypass
capacitors liberally in digital systems. Like other CMOS cir-
cuitry, the Intelligent Display controller chip has very low
power consumption and the usual 0.01
µF would be adequate
were it not for the LEDs. To prevent power supply transients,
capacitors with low inductance and high capacitance at high
frequencies are required. This suggests a solid tantalum or
ceramic disc for high frequency bypass. For multiple display
module systems distribute the bypass capacitors evenly, keep-
ing capacitors as close to the power pins as possible. Use a
0.01
µF capacitor for each display module and a 22 µF for
every third display module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com