Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB10MZKE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB10MZKE
Description  4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB10MZKE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB10MZKE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB10MZKE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB10MZKE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB10MZKE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB10MZKE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB10MZKE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PI3USB10M
4.2V, Wide Bandwidth, 2-Channel,
2:1 Mux/DeMux USB 2.0 Switch with Single Select
PS8799B
03/16/06
DC Electrical Characteristics for USB 2.0 Switching over Operating Range
(TA = –40°C to +85°C, VCC = 3.0 - 4.4V)
Paramenter
Description
Test Conditions(1)
Min.
Typ.(2) Max.
Units
VIH
Input HIGH Voltage
Guaranteed
HIGH level
VCC = 4.2V
2.0
V
VCC = 3.3V
1.6
VIL
Input LOW Voltage
Guaranteed HIGH level
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –18mA
-0.7
-1.2
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±5
μA
IIL
Input LOW Current
VCC = Max., VIN = GND
±5
RON
Switch On-Resistance(3)
VCC = Min., 1.25V ≤ VIN ≤ VCC,
IIN = –40mA
4.0
6.5
Ω
RFLAT(ON)
On-Resistance Flatness(3)
VCC = Min., VIN @ 1.5V and
VCC IIN = -40mA
1.0
ΔRON
On-Resistance match from cen-
ter ports to any other port(3)
VCC = Min., 1.5V ≤ VIN ≤ VCC,
IIN = -40mA
0.9
2.0
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
VCC = 3.0 - 4.4V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between Y and In pin at indicated current through the Switch-On-Resistance is determined by the lower ofthe
voltages on the two (Y, In) pins.
Storage Temperature ......................................... –65°C to +150°C
Supply Voltage to Ground Potential ....................–0.5V to +4.0V
DC Input Voltage .................................................–0.5V to +5.5V
DC Output Current ........................................................... 120mA
Power Dissipation ................................................................ 0.5W
Note: Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
Power Supply Characteristics (VCC = 3.0 - 4.4V)
Parameters
Description
Test Conditions(1)
Min.
Typ.
Max.
Units
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
800
µA
Notes:
1. For max. or min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
06-0014



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com