Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRIX4K Datasheet(PDF) 21 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SRIX4K Datasheet HTML 17Page - STMicroelectronics SRIX4K Datasheet HTML 18Page - STMicroelectronics SRIX4K Datasheet HTML 19Page - STMicroelectronics SRIX4K Datasheet HTML 20Page - STMicroelectronics SRIX4K Datasheet HTML 21Page - STMicroelectronics SRIX4K Datasheet HTML 22Page - STMicroelectronics SRIX4K Datasheet HTML 23Page - STMicroelectronics SRIX4K Datasheet HTML 24Page - STMicroelectronics SRIX4K Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
SRIX4K
SRIX4K states
21/50
6
SRIX4K states
The SRIX4K can be switched into different states. Depending on the current state of the
SRIX4K, its logic will only answer to specific commands. These states are mainly used
during the anticollision sequence, to identify and to access the SRIX4K in a very short time.
The SRIX4K provides 6 different states, as described in the following paragraphs and in
Figure 19.
6.1
POWER-OFF state
The SRIX4K is in POWER-OFF state when the electromagnetic field around the tag is not
strong enough. In this state, the SRIX4K does not respond to any command.
6.2
READY state
When the electromagnetic field is strong enough, the SRIX4K enters the READY state. After
Power-up, the Chip_ID is initialized with a random value. The whole logic is reset and
remains in this state until an INITIATE() command is issued. Any other command will be
ignored by the SRIX4K.
6.3
INVENTORY state
The SRIX4K switches from the READY to the INVENTORY state after an INITIATE()
command has been issued. In INVENTORY state, the SRIX4K will respond to any
anticollision commands: INITIATE(), PCALL16() and SLOT_MARKER(), and then remain in
the INVENTORY state. It will switch to the SELECTED state after a SELECT(Chip_ID)
command is issued, if the Chip_ID in the command matches its own. If not, it will remain in
INVENTORY state.
6.4
SELECTED state
In SELECTED state, the SRIX4K is active and responds to all READ_BLOCK(),
WRITE_BLOCK(), AUTHENTICATE() and GET_UID() commands. When an SRIX4K has
entered the SELECTED state, it no longer responds to anticollision commands. So that the
reader can access another tag, the SRIX4K can be switched to the DESELECTED state by
sending a SELECT(Chip_ID2) with a Chip_ID that does not match its own, or it can be
placed in DEACTIVATED state by issuing a COMPLETION() command. Only one SRIX4K
can be in SELECTED state at a time.
6.5
DESELECTED state
Once the SRIX4K is in DESELECTED state, only a SELECT(Chip_ID) command with a
Chip_ID matching its own can switch it back to SELECTED state. All other commands are
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com