Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC00ADE4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC00ADE4
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC00ADE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC00ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 9Page - Texas Instruments SN74LVC00ADE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN54LVC00A, SN74LVC00A
QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SCAS279P – JANUARY 1993 – REVISED JULY 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN54LVC00A
FROM
TO
PARAMETER
VCC
–55
°C to 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
2.7 V
5.1
tpd
A or B
Y
ns
3.3 V
± 0.3 V
1
4.3
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
SN74LVC00A
FROM
TO
PARAMETER
VCC
TA = 25°C
–40
°C to 85°C
–40
°C to 125°C
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V
± 0.15 V
1
6
12
1
12.5
1
14
2.5 V
± 0.2 V
1
4.6
5.9
1
6.4
1
7.9
tpd
A or B
Y
ns
2.7 V
1
4.3
4.9
1
5.1
1
6.5
3.3 V
± 0.3 V
1
3.5
4.1
1
4.3
1
5.5
tsk(o)
3.3 V
± 0.3 V
1
1.5
ns
T
A = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
1.8 V
18
Cpd
Power dissipation capacitance per gate
f = 10 MHz
2.5 V
18
pF
3.3 V
19
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com