Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST72324BK6
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST72324BK6 Datasheet HTML 9Page - STMicroelectronics ST72324BK6 Datasheet HTML 10Page - STMicroelectronics ST72324BK6 Datasheet HTML 11Page - STMicroelectronics ST72324BK6 Datasheet HTML 12Page - STMicroelectronics ST72324BK6 Datasheet HTML 13Page - STMicroelectronics ST72324BK6 Datasheet HTML 14Page - STMicroelectronics ST72324BK6 Datasheet HTML 15Page - STMicroelectronics ST72324BK6 Datasheet HTML 16Page - STMicroelectronics ST72324BK6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 188 page
background image
ST72324B
Pin description
13/188
21
VDD_0
(1)
S
Digital Main Supply Voltage
22
VSS_0
(1)
S
Digital Ground Voltage
23 16
8
11
PC0/OCMP2_B
/AIN12
I/O CT
XX
X
X
X
Port C0
Timer B
Output
Compare 2
ADC
Analog
Input 12
24 17
9
12
PC1/OCMP1_B
/AIN13
I/O CT
XX
X
X
X
Port C1
Timer B
Output
Compare 1
ADC
Analog
Input 13
25 18 10 13
PC2 (HS)/
ICAP2_B
I/O CT HS
X
X
X
X
Port C2
Timer B Input Capture 2
26 19 11 14
PC3 (HS)/
ICAP1_B
I/O CT HS
X
X
X
X
Port C3
Timer B Input Capture 1
27 20 12 15
PC4/MISO/ICC
DATA
I/O CT
XX
X
X
Port C4
SPI Master
In / Slave
Out Data
ICC Data
Input
28 21 13 16
PC5/MOSI/
AIN14
I/O CT
XX
X
X
X
Port C5
SPI Master
Out / Slave
In Data
ADC
Analog
Input 14
29 22 14 17
PC6/SCK/
ICCCLK
I/O CT
XX
X
X
Port C6
SPI Serial
Clock
ICC Clock
Output
30 23 15 18 PC7/SS/AIN15
I/O CT
XX
X
X
X
Port C7
SPI Slave
Select
(active low)
ADC
Analog
Input 15
31 24 16 19 PA3 (HS)
I/O CT HS
X
ei
0
XX
Port A3
32 25
VDD_1
(1)
S
Digital Main Supply Voltage
33 26
VSS_1
(1)
S
Digital Ground Voltage
34 27 17 20 PA4 (HS)
I/O CT HS
X
X
X
X
Port A4
35 28
PA5 (HS)
I/O CT HS
X
X
X
X
Port A5
36 29 18 21 PA6 (HS)
I/O CT HS
X
T
Port A6 (2)
37 30 19 22 PA7 (HS)
I/O CT HS
X
T
Port A7 (2)
38 31 20 23 VPP /ICCSEL
I
Must be tied low. In the flash
programming mode, this pin acts as
the programming voltage input VPP.
See Section 12.10.2 for more details.
High voltage must not be applied to
ROM devices.
39 32 21 24 RESET
I/O CT
Top priority non maskable interrupt.
40 33 22 25 VSS_2
(1)
S
Digital Ground Voltage
Table 1.
Device pin description (continued)
Pin No.
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com