Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST8-8CFP Datasheet(PDF) 4 Page - STMicroelectronics

Part # ACST8-8CFP
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST8-8CFP Datasheet(HTML) 4 Page - STMicroelectronics

  ACST8-8CFP Datasheet HTML 1Page - STMicroelectronics ACST8-8CFP Datasheet HTML 2Page - STMicroelectronics ACST8-8CFP Datasheet HTML 3Page - STMicroelectronics ACST8-8CFP Datasheet HTML 4Page - STMicroelectronics ACST8-8CFP Datasheet HTML 5Page - STMicroelectronics ACST8-8CFP Datasheet HTML 6Page - STMicroelectronics ACST8-8CFP Datasheet HTML 7Page - STMicroelectronics ACST8-8CFP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ACST8-8C
4/8
CONTROL
UNIT
COM
OUT
G
TYPICAL APPLICATION DIAGRAM
ROBUSTNESS AGAINST FAST CAPACITOR DISCHARGE
When parasitic transients or controller mis-operation occur, the blocked switch may turn on by spurious
switch firing. Since the phase shift capacitor is charged, its energy is instantaneously dissipated through
the two ACSTs which can be destroyed. To prevent such a failure, a resistive inductive circuit R-L is added
in series with the phase shift capacitor.
The dI/dt depends on the maximal voltage Vmax of the phase shift capacitor (700V on 240V mains applica-
tions), and on the inductance L:
dI
dt
V
L
=
max
The total switch turn on di/dt is the sum of the di/dt created by any RC noise suppressor discharge and the
dI/dt created by the motor capacitor discharge.
Since the maximal di/dt capability at turn-on of the ACST8 is 100A/µs, the motor capacitor di/dt is assumed
to be less than 50A/µs; therefore, the inductance should be 14µH.
The resistor R limits the surge current through the ACST8 during the capacitor discharge according to the
specified curve ITSM = f (tp) as shown in Figure 6 (to be issued), and 1.2
Ω is low enough to limit the resistor
dissipation (usually less than 1 W).
Finally both the 14µH inductance and the 1.2
Ω resistance provide a safety margin of two on the surge cur-
rent ITSM described in Figure 6.
C
L
V
AC
T1
T2
ON
R
700V
M
Fast capacitor discharge when
one ACST switch turns on (T2)
and the motor runs (T1 ON).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com