Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST88C Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST88C
Description  OVER VOLTAGE PROTECTED AC POWER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST88C Datasheet(HTML) 3 Page - STMicroelectronics

  ACST88C Datasheet HTML 1Page - STMicroelectronics ACST88C Datasheet HTML 2Page - STMicroelectronics ACST88C Datasheet HTML 3Page - STMicroelectronics ACST88C Datasheet HTML 4Page - STMicroelectronics ACST88C Datasheet HTML 5Page - STMicroelectronics ACST88C Datasheet HTML 6Page - STMicroelectronics ACST88C Datasheet HTML 7Page - STMicroelectronics ACST88C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACST8-8C
3/8
Symbol
Test conditions
Values
Unit
IGT
VOUT = 12V (DC)
RL =33
Ω
Tj = 25°C
MAX.
30
mA
VGT
VOUT = 12V (DC)
RL =33
Ω
Tj = 25°C
MAX.
1.5
V
VGD
VOUT =VDRM
RL = 3.3k
Ω
Tj =125°C
MIN.
0.2
V
IH
IOUT = 100mA Gate open
Tj = 25°C
MAX.
40
mA
IL
IG = 20mA
Tj = 25°C
MAX.
70
mA
VTM
IOUT = 11A
tp = 380µs
Tj = 25°C
MAX.
1.5
V
VTO
Tj = 125°C
MAX.
0.95
V
RD
Tj = 125°C
MAX.
50
m
Ω
IDRM
IRRM
VOUT =VDRM
VOUT =VRRM
Tj = 25°C
MAX.
10
µA
Tj = 125°C
MAX.
1
mA
dV/dt
VOUT = 550V
gate open
Tj = 125°C
MIN.
750
V/
µs
(dI/dt)c
Without snubber
Tj = 125°C
MIN.
4.5
A/ms
VCL
ICL = 1mA
tp = 1ms
Tj = 25°C
TYP.
1200
V
ELECTRICAL CHARACTERISTICS PER SWITCH
For either positive or negative polary of pin OUT voltage respect to pin COM voltage
The ACST8-8C device is especially designed to drive medium power induction motors in washing ma-
chines, refrigerators, dish washers, and tumble dryers.
Pin COM
: Common drive reference, to be connected to the power line neutral
Pin G
: Switch Gate input to be connected to the controller
Pin OUT
: Switch Output to be connected to the load
When driven from a low voltage controller, the ACST switch is triggered with a negative gate current flow-
ing out of the gate pin G. It can be driven by the controller through a resistor as shown on the typical appli-
cation diagram. In appliance systems, the ACST8-8C switch intends to drive medium power load in ON /
OFF full cycle or phase angle control mode.
Thanks to its thermal and turn-off commutation characteristics, the ACST8-8C switch is able to drive
an inductive load up to 8A without a turn-off aid snubber circuit.
In washing machine or drier appliances, the tumble rotates in both directions. When using bidirectional
phase shift induction motor, two switches are connected on each side of the phase shift capacitor: in
steady-state operation, one switch only conducts energising the coils and defining the tumble direction.
AC LINE SWITCH BASIC APPLICATION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com