Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC5 Datasheet(PDF) 1 Page - France Joint

Part # VC5
Description  SHAFT SEALS WITH A TYPE 5 STOP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRANCEJOINT [France Joint]
Direct Link  https://www.francejoint.com/en/
Logo FRANCEJOINT - France Joint

VC5 Datasheet(HTML) 1 Page - France Joint

  VC5 Datasheet HTML 1Page - France Joint VC5 Datasheet HTML 2Page - France Joint VC5 Datasheet HTML 3Page - France Joint VC5 Datasheet HTML 4Page - France Joint  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
|
|
SEAL DESIGN
Tolerance for the outside diameter of the seal (ØD)
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
Coating with grooves
ØD1 ≤ 50.0
+0.10 / +0.20
+0.15 / +0.30
+0.20 / +0.40
50.0 < ØD1 ≤ 80.0
+0.13 / +0.23
+0.20 / +0.35
+0.25 / +0.45
80.0 < ØD1 ≤ 120.0
+0.15 / +0.25
+0.20 / +0.35
+0.25 / +0.45
120.0 < ØD1 ≤ 180.0
+0.18 / +0.28
+0.25 / +0.45
+0.30 / +0.55
180.0 < ØD1 ≤ 300.0
+0.20 / +0.30
+0.25 / +0.45
+0.30 / +0.55
300.0 < ØD1 ≤ 500.0
+0.23 / +0.35
+0.30 / +0.55
+0.35 / +0.65
500.0 < ØD1 ≤ 630.0
+0.23 / +0.35
+0.35 / +0.65
+0.40 / +0.75
Roundness tolerance
Bore diameter
ØD1 (mm)
Apparent metal cage
Rubber coating
ØD1 ≤ 50.0
0.18
0.25
50.0 < ØD1 ≤ 80.0
0.25
0.35
80.0 < ØD1 ≤ 120.0
0.30
0.50
120.0 < ØD1 ≤ 180.0
0.40
0.65
180.0 < ØD1 ≤ 300.0
0.25% of the outside diameter
0.80
300.0 < ØD1 ≤ 500.0
0.25% of the outside diameter
1.00
500.0 < ØD1 ≤ 630.0
-
-
Tolerance for the inside diameter of the seal (Ød)
Free and without constraint, the inside diameter of the sealing lip is always smaller than the
diameter of the shaft. The pre-tightening or interference denotes the difference between
these two values. Depending on the shaft diameter, the diameter of the sealing lip is generally
considered to be less, between 0.8 and 3.5 mm.
|
DESCRIPTION
The VC5 profile is a shaft seal composed
of a staggered metal cage with a
rubber coating, an external stop and a
primary sealing lip without a spring.
|
ADVANTAGES
Very good static sealing
Very good thermal expansion
compensation
Precise positioning when stopped
Greater roughness is
allowed in the housing
Reduced risk of corrosion
Sealing for high viscosity fluids
Primary sealing lip generating
low levels of friction and heat
|
APPLICATIONS
All types of rotative applications
Machine tools
Agriculture
Construction
Transmissions
Gear boxes
Motors
Pumps
|
MATERIALS
Rubber
ACM 70 - 75 Shore A
EPDM 70 - 75 Shore A
FKM 70 - 75 Shore A
HNBR 70 - 75 Shore A
NBR 70 - 75 Shore A
Metal cage
Steel - AISI 1010
SHAFT SEALS
WITH A TYPE 5 STOP
VC5
ROTARY SEALS | SHAFT SEALS WITH A TYPE 5 STOP |
VC5
QUALITY & EXPERTISE FOR YOUR SEALING NEEDS


Similar Part No. - VC5

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VC50 NJSEMI-VC50 Datasheet
528Kb / 1P
HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
logo
DFI Inc
VC500-CMS DFI-VC500-CMS Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
VC500-CMS-10G-Q DFI-VC500-CMS-10G-Q Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
VC500-CMS-10G-W-X127 DFI-VC500-CMS-10G-W-X127 Datasheet
1Mb / 6P
10th Gen Intel® Processors In-vehicle System
VC500-CMS-A1000-POE-Q-I70 DFI-VC500-CMS-A1000-POE-Q-I70 Datasheet
912Kb / 5P
10th Gen Intel® Processors In-vehicle Edge AI System
More results

Similar Description - VC5

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SRGA ALPS-SRGA Datasheet
161Kb / 4P
Hollow Shaft Type
SRGH ALPS-SRGH Datasheet
137Kb / 4P
Metal Shaft Type
SRGP ALPS-SRGP Datasheet
124Kb / 3P
Hollow Shaft Type
logo
Tyco Electronics
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
CABLE ENTRY SEALS STANDARD
logo
ALPS ELECTRIC CO.,LTD.
EC10E1220505 ALPS-EC10E1220505 Datasheet
258Kb / 2P
10mm Size Hollow Shaft Type
logo
List of Unclassifed Man...
AS350 ETC-AS350 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
Vent valve, stainless steel, with Viton seals
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
logo
SparkFun Electronics
ROB-12269 SPARKFUN-ROB-12269 Datasheet
158Kb / 1P
Shaft Spacer - 5/8
8/4/2016
ROB-12275 SPARKFUN-ROB-12275 Datasheet
91Kb / 1P
Shaft Coupler - 5/16 to 5/16
1/15/2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com