Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRG4PC40FDPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRG4PC40FDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC40FDPBF Datasheet(HTML) 4 Page - International Rectifier

  IRG4PC40FDPBF Datasheet HTML 1Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 2Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 3Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 4Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 5Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 6Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 7Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 8Page - International Rectifier IRG4PC40FDPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRG4PC40FDPbF
4
www.irf.com
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Typical Collector-to-Emitter Voltage
vs.JunctionTemperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
0
10
20
30
40
50
25
50
75
100
125
150
T , Case Temperature (°C)
C
V
= 15V
GE
1.0
1.5
2.0
2.5
-60 -40 -20
0
20
40
60
80
100 120 140 160
V
= 15V
80µs PULSE WIDTH
GE
A
T , Junction Temperature (°C)
J
I
= 54A
I
= 27A
I
= 14A
C
C
C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Rectangular Pulse Duration (sec)
1
D = 0.50
0.01
0.02
0.05
0.10
0.20
SINGLE PULSE
(THERMAL RESPONSE)
P
t 2
1
t
DM
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com