Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2103HVG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P2103HVG
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P2103HVG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P2103HVG Datasheet HTML 1Page - List of Unclassifed Manufacturers P2103HVG Datasheet HTML 2Page - List of Unclassifed Manufacturers P2103HVG Datasheet HTML 3Page - List of Unclassifed Manufacturers P2103HVG Datasheet HTML 4Page - List of Unclassifed Manufacturers P2103HVG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Jun-29-2004
Dual N-Channel Enhancement Mode
Field Effect Transistor
P2103HVG
SOP-8
Lead-Free
NIKO-SEM
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
TC = 25 °C
7
Continuous Drain Current
TC = 70 °C
ID
6
Pulsed Drain Current
1
IDM
40
A
TC = 25 °C
2
Power Dissipation
TC = 70 °C
PD
1.3
W
Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
Lead Temperature (
1/
16” from case for 10 sec.)
TL
275
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
RθJA
62.5
°C / W
1Pulse width limited by maximum junction temperature.
2Duty cycle ≤ 1%
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX
UNIT
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250µA
30
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
1
1.5
3
V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±100 nA
VDS = 24V, VGS = 0V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 20V, VGS = 0V, TJ = 55 °C
10
µA
G : GATE
D : DRAIN
S : SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
30
21mΩ
7A


Similar Part No. - P2103HVG

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
P2103 ATM-P2103 Datasheet
169Kb / 1P
PHASE SHIFTERS
P2103 ATM-P2103 Datasheet
122Kb / 1P
2WAY - 4WAY - 8WAY POWER DIVIDERS & COMBINERS
logo
Teccor Electronics
P2103A TECCOR-P2103A Datasheet
1Mb / 212P
solid state crowbar devices
logo
Littelfuse
P2103AAL LITTELFUSE-P2103AAL Datasheet
144Kb / 5P
SIDACtor Balanced Series - Modified TO-220
P2103AAL LITTELFUSE-P2103AAL Datasheet
167Kb / 5P
Baseband Protection (Voice-DS1)
More results

Similar Description - P2103HVG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS8926A FAIRCHILD-FDS8926A Datasheet
201Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS8936A FAIRCHILD-FDS8936A Datasheet
229Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
FDS9936A FAIRCHILD-FDS9936A Datasheet
416Kb / 8P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com