Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4264 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4264
Description  5-V Low-Drop Fixed-Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4264 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4264 Datasheet HTML 1Page - Infineon Technologies AG TLE4264 Datasheet HTML 2Page - Infineon Technologies AG TLE4264 Datasheet HTML 3Page - Infineon Technologies AG TLE4264 Datasheet HTML 4Page - Infineon Technologies AG TLE4264 Datasheet HTML 5Page - Infineon Technologies AG TLE4264 Datasheet HTML 6Page - Infineon Technologies AG TLE4264 Datasheet HTML 7Page - Infineon Technologies AG TLE4264 Datasheet HTML 8Page - Infineon Technologies AG TLE4264 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet Rev. 2.1
1
2000-10-10
Functional Description
TLE 4264 is a 5-V low-drop fixed-voltage regulator in an SOT-223 package. The IC
regulates an input voltage
V
I in the range 5.5 V < VI < 45 V to VQrated = 5.0 V. The
maximum output current is more than 120 mA. This IC is shortcircuit-proof and features
temperature protection that disables the circuit at overtemperature.
Dimensioning Information on External Components
The input capacitor
C
i is necessary for compensating line influences. Using a resistor of
approx. 1
Ω in series with C
i, the oscillating of input inductivity and input capacitance can
be damped. The output capacitor
C
Q is necessary for the stability of the regulating circuit.
Stability is guaranteed at values
C
Q ≥ 10 µF and an ESR ≤ 10 Ω within the operating
temperature range.
Type
Ordering Code
Package
TLE 4264 G
Q67006-A9139
P-SOT223-4-4 (SMD)
5-V Low-Drop Fixed-Voltage Regulator
SOT-223
Features
• Output voltage tolerance
≤ ± 2 %
• Low-drop voltage
• Very low current consumption
• Overtemperature protection
• Short-circuit proof
• Suitable for use in automotive electronics
• Reverse polarity
TLE 4264


Similar Part No. - TLE4264

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4264 SIEMENS-TLE4264 Datasheet
42Kb / 9P
5-V Low-Drop Fixed-Voltage Regulator
logo
Infineon Technologies A...
TLE4264 INFINEON-TLE4264 Datasheet
192Kb / 11P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹2%
Rev. 2.3, 2008-03-07
TLE4264-2 INFINEON-TLE4264-2 Datasheet
454Kb / 12P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.3 2002-12-21
TLE4264-2 INFINEON-TLE4264-2 Datasheet
204Kb / 11P
5-V Low Drop Fixed Voltage Regulator Output voltage tolerance ??짹3% (짹2% up to 50 mA)
Rev. 2.6, 2008-03-10
TLE4264-2G INFINEON-TLE4264-2G Datasheet
454Kb / 12P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.3 2002-12-21
More results

Similar Description - TLE4264

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268 Datasheet
228Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4270 IKSEMICON-ILE4270 Datasheet
254Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com