Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST662ABD-TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST662ABD-TR
Description  DC-DC converter from 5V to 12V, 0.03A for flash memory programming supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST662ABD-TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST662ABD-TR Datasheet HTML 5Page - STMicroelectronics ST662ABD-TR Datasheet HTML 6Page - STMicroelectronics ST662ABD-TR Datasheet HTML 7Page - STMicroelectronics ST662ABD-TR Datasheet HTML 8Page - STMicroelectronics ST662ABD-TR Datasheet HTML 9Page - STMicroelectronics ST662ABD-TR Datasheet HTML 10Page - STMicroelectronics ST662ABD-TR Datasheet HTML 11Page - STMicroelectronics ST662ABD-TR Datasheet HTML 12Page - STMicroelectronics ST662ABD-TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ST662AB - ST662AC
Description
9/20
6
Description
The ST662 is an IC developed to provide a 12V regulated output 30mA from voltage input
as low as 4.75 without any inductors. It is useful for a wide range of applications and its
performances makes it ideal for flash memory programming supply.
An evaluation kit is provided to facilitate the application. This include a single-side demo
board designed for surface-mount components.The operating principle of ST662 (see
Figure 12.) is to charge C1 and C2 capacitor by closing the S1 switch (while S2 is opened)
at the VCC voltage. After S1 will be opened and S2 closed so that C1 and C2 capacitors are
placed in series one to each other, and both are in series with VIN. The sum of VC1 and VC2
and VI is applied to the capacitor C4. This works as voltage triple. An amplifier error checks
the output voltage and blocks the oscillator if the output voltage is greater than 12V. The
shutdown pin is internally pulled to VCC. When it is held low the output voltage rises to +12V.
Figure 13. shows the transition time of the shut down pin when the VSHDN goes from 5V to
0V. Input logic levels of this input are CMOS compatible Applying a logic high at this input,
the VOUT oscillator will be blocked and the VOUT will reach the VI value by D1. In this
condition ICC will be. low as 1µA. The Figure 14. shows the transition time of the shut down
pin when the VSHDN goes from 0V to 5V.
Figure 12.
Operating principle circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com